Electronic Components Datasheet Search
  English  ▼

X  

AD5293 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5293
Description  Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5293 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5293 Datasheet HTML 12Page - Analog Devices AD5293 Datasheet HTML 13Page - Analog Devices AD5293 Datasheet HTML 14Page - Analog Devices AD5293 Datasheet HTML 15Page - Analog Devices AD5293 Datasheet HTML 16Page - Analog Devices AD5293 Datasheet HTML 17Page - Analog Devices AD5293 Datasheet HTML 18Page - Analog Devices AD5293 Datasheet HTML 19Page - Analog Devices AD5293 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD5293
Rev. 0 | Page 19 of 20
AUDIO VOLUME CONTROL
The excellent THD performance and high voltage capability
of the AD5293 make it ideal for digital volume control. The
AD5293 is used as an audio attenuator; it can be connected
directly to a gain amplifier. A large step change in the volume
level at any arbitrary time can lead to an abrupt discontinuity of
the audio signal, causing an audible zipper noise. To prevent this,
a zero-crossing window detector can be inserted to the SYNC line
to delay the device update until the audio signal crosses the win-
dow. Because the input signal can operate on top of any dc level,
rather than absolute 0 V level, zero crossing in this case means
the signal is ac-coupled, and the dc offset level is the signal zero
reference point.
The configuration to reduce zipper noise is shown in Figure 42,
and the results of using this configuration are shown in Figure 43.
The input is ac-coupled by C1 and attenuated down before
feeding into the window comparator formed by U2, U3, and U4B.
U6 is used to establish the signal as zero reference. The upper
limit of the comparator is set above its offset and, therefore, the
output pulses high whenever the input falls between 2.502 V
and 2.497 V (or a 0.005 V window) in this example. This output
is AND’ed with the chip select signal such that the AD5293
updates whenever the signal crosses the window. To avoid a
constant update of the device, the chip select signal should be
programmed as two pulses, rather than as one.
In Figure 43, the lower trace shows that the volume level changes
from a quarter-scale to full-scale when a signal change occurs
near the zero-crossing window.
R1
100kΩ
R2
200Ω
5V
VIN
V+
V–
AD8541
5V
U6
R3
100kΩ
R4
90kΩ
R5
10kΩ
C1
1µF
VDD
VSS
SCLK
DIN
V+
V–
AD5293
20kΩ
+15V
–15V
C3
0.1µF
C2
0.1µF
A
B
W
GND
DIN
SCLK
U1
VCC
GND
VCC
GND
ADCMP371
ADCMP371
+15V
–15V
+5V
+5V
U3
U2
VOUT
U5
U4A
U4B
1
6
2
4
5
7408
7408
SYNC
SYNC
Figure 42. Audio Volume Control with Zipper Noise Reduction
CHANNEL 1
FREQ = 20.25kHz
1.03V p-p
1
2
Figure 43. Zipper Noise Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com