Electronic Components Datasheet Search
  English  ▼

X  

AD5293 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5293
Description  Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5293 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5293 Datasheet HTML 5Page - Analog Devices AD5293 Datasheet HTML 6Page - Analog Devices AD5293 Datasheet HTML 7Page - Analog Devices AD5293 Datasheet HTML 8Page - Analog Devices AD5293 Datasheet HTML 9Page - Analog Devices AD5293 Datasheet HTML 10Page - Analog Devices AD5293 Datasheet HTML 11Page - Analog Devices AD5293 Datasheet HTML 12Page - Analog Devices AD5293 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD5293
Rev. 0 | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
128
256
384
512
640
768
896
1024
CODE (Decimal)
+25°C
–40°C
+105°C
Figure 6. R-INL in R-Perf Mode vs. Code vs. Temperature
0.6
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
128
256
384
512
640
768
896
1024
CODE (Decimal)
+25°C
–40°C
+105°C
Figure 7. R-DNL in R-Perf Mode vs. Code vs. Temperature
1.0
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
128
256
384
512
640
768
896
1024
CODE (Decimal)
+25°C
–40°C
+105°C
Figure 8. R-INL in Normal Mode vs. Code vs. Temperature
0.15
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0
128
256
384
512
640
768
896
1024
CODE (Decimal)
+25°C
–40°C
+105°C
Figure 9. R-DNL in Normal Mode vs. Code vs. Temperature
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
0
128
256
384
512
640
768
896
1024
CODE (Decimal)
+25°C
–40°C
+105°C
Figure 10. INL in R-Perf Mode vs. Code vs. Temperature
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.2
–0.1
0
128
256
384
512
640
768
896
1024
CODE (Decimal)
+25°C
–40°C
+105°C
Figure 11. DNL in R-Perf Mode vs. Code vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com