Electronic Components Datasheet Search
  English  ▼

X  

AD5293 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5293
Description  Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5293 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5293 Datasheet HTML 7Page - Analog Devices AD5293 Datasheet HTML 8Page - Analog Devices AD5293 Datasheet HTML 9Page - Analog Devices AD5293 Datasheet HTML 10Page - Analog Devices AD5293 Datasheet HTML 11Page - Analog Devices AD5293 Datasheet HTML 12Page - Analog Devices AD5293 Datasheet HTML 13Page - Analog Devices AD5293 Datasheet HTML 14Page - Analog Devices AD5293 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD5293
Rev. 0 | Page 11 of 20
68
8
12
16
20
24
28
32
36
40
44
48
52
56
60
64
0.01
0.1
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VDD/VSS = ±15V
CODE = HALF SCALE
VLOGIC = +5V
Figure 18. Power Supply Rejection Ratio vs. Frequency
–66
–82
–80
–78
–76
–74
–72
–70
–68
FREQUENCY (Hz)
100
1k
10k
100k
VDD/VSS = ±15V
CODE = HALF SCALE
VIN = 1V rms
Figure 19. Total Harmonic Distortion + Noise (THD + N) vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
AMPLITUDE (V)
0.001
10
1
0.1
0.01
VDD/VSS = ±15V,
CODE = HALF SCALE
fIN = 1kHz
Figure 20. THD + Noise vs. Amplitude
8
0
1
2
3
4
5
6
7
0
256
512
768
1024
CODE (Decimal)
VDD/VSS = 30V/0V
VA = VDD
VB = VSS
Figure 21. Theoretical Maximum Current vs. Code
1.0
0.9
0.8
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
DIGITAL INPUT VOLTAGE (V)
VDD = ±15V
Figure 22. Supply Current, ILOGIC, vs. Digital Input Voltage
35
–5
0
5
10
15
20
25
30
TIME (µs)
VWB, CODE: HALF SCALE,
R-PERF MODE
VWB, CODE: HALF SCALE,
NORMAL MODE
VWB, CODE: FULL SCALE, NORMAL MODE
VWB, CODE: FULL SCALE,
R-PERF MODE
SYNC
VDD/VSS = 30V/0V
VLOGIC = 5V
VA = VDD
VB = VSS
Figure 23. Large
-Signal Settling Time, Code from Zero Scale to Full Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com