Electronic Components Datasheet Search
  English  ▼

X  

AD5293 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5293
Description  Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5293 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5293 Datasheet HTML 12Page - Analog Devices AD5293 Datasheet HTML 13Page - Analog Devices AD5293 Datasheet HTML 14Page - Analog Devices AD5293 Datasheet HTML 15Page - Analog Devices AD5293 Datasheet HTML 16Page - Analog Devices AD5293 Datasheet HTML 17Page - Analog Devices AD5293 Datasheet HTML 18Page - Analog Devices AD5293 Datasheet HTML 19Page - Analog Devices AD5293 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD5293
Rev. 0 | Page 17 of 20
TERMINAL VOLTAGE OPERATING RANGE
If ignoring the effect of the wiper resistance for simplicity,
connecting the A terminal to 30 V and the B terminal to ground
produces an output voltage at the Wiper W to Terminal B that
ranges from 0 V to 30 V − 1 LSB. Each LSB of voltage is equal to
the voltage applied across the A terminal and B terminal, divided
by the 1024 positions of the potentiometer divider. The general
equation defining the output voltage at VW, with respect to
ground for any valid input voltage applied to Terminal A and
Terminal B, is
The positive VDD and negative VSS power supplies of the AD5293
define the boundary conditions for proper 3-terminal, digital
potentiometer operation. Supply signals present on the A, B,
and W terminals that exceed VDD or VSS are clamped by the
internal forward-biased diodes (see Figure 37).
B
A
W
V
D
V
D
D
V
×
−
+
×
=
1024
1024
1024
)
(
(3)
VSS
VDD
A
W
B
To optimize the wiper position update rate when in voltage
divider mode, it is recommended that the internal ±1% resistor
tolerance calibration feature be disabled by programming Bit C2
of the control register (see Table 9 and Table 10).
Operation of the digital potentiometer in the divider mode
results in a more accurate operation over temperature. Unlike
when the part is in the rheostat mode, the output voltage is
dependent mainly on the ratio of the internal resistors, RWA and
RWB, not on the absolute values. Therefore, the temperature drift
reduces to 5 ppm/°C.
Figure 37. Maximum Terminal Voltages Set by VDD and VSS
The ground pin of the AD5293 is primarily used as a digital
ground reference. To minimize the digital ground bounce, the
AD5293 ground pin should be joined remotely to common
ground. The digital input control signals to the AD5293 must be
referenced to the device ground pin (GND) to satisfy the logic
level defined in the Specifications section.
EXT_CAP CAPACITOR
A 1 μF capacitor to GND must be connected to the EXT_CAP
pin (see Figure 36) on power-up and throughout the operation
of the AD5293. This capacitor must have a voltage rating of ≥7 V.
Power-Up Sequence
Because there are diodes to limit the voltage compliance at the
A, B, and W terminals (see Figure 37), it is important to power
VDD and VSS first, before applying any voltage to the A, B, and W
terminals. Otherwise, the diode is forward-biased such that VDD
and VSS are powered up unintentionally. The ideal power-up
sequence is GND, VSS, VLOGIC, VDD, the digital inputs, and then
VA, VB, and VW. The order of powering up VA, VB, VW, and the
digital inputs is not important, as long as they are powered after
VDD, VSS, and VLOGIC.
AD5293
GND
C1
1µF
EXT_CAP
Figure 36. Hardware Setup for the EXT_CAP Pin
Regardless of the power-up sequence and the ramp rates of the
power supplies, the power-on preset activates after VLOGIC is
powered, restoring midscale to the RDAC register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com