Electronic Components Datasheet Search
  English  ▼

X  

AD5293 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5293
Description  Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5293 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5293 Datasheet HTML 8Page - Analog Devices AD5293 Datasheet HTML 9Page - Analog Devices AD5293 Datasheet HTML 10Page - Analog Devices AD5293 Datasheet HTML 11Page - Analog Devices AD5293 Datasheet HTML 12Page - Analog Devices AD5293 Datasheet HTML 13Page - Analog Devices AD5293 Datasheet HTML 14Page - Analog Devices AD5293 Datasheet HTML 15Page - Analog Devices AD5293 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD5293
Rev. 0 | Page 12 of 20
1.2
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
TIME (µs)
VDD/VSS = ±15V
VLOGIC = +5V
VA = VDD
VB = VSS
Figure 24. Maximum Transition Glitch
300
250
200
150
100
50
0
TEMPERATURE (°C)
–40 –30 –20 –10 0
102030405060708090 100
VDD/VSS = ±15V
Figure 25. Code Range > 1% R-Tolerance Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com