Electronic Components Datasheet Search
  English  ▼

X  

AD5293 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5293
Description  Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5293 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5293 Datasheet HTML 12Page - Analog Devices AD5293 Datasheet HTML 13Page - Analog Devices AD5293 Datasheet HTML 14Page - Analog Devices AD5293 Datasheet HTML 15Page - Analog Devices AD5293 Datasheet HTML 16Page - Analog Devices AD5293 Datasheet HTML 17Page - Analog Devices AD5293 Datasheet HTML 18Page - Analog Devices AD5293 Datasheet HTML 19Page - Analog Devices AD5293 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD5293
Rev. 0 | Page 16 of 20
RDAC ARCHITECTURE
To achieve optimum cost performance, Analog Devices, Inc., has
patented the RDAC segmentation architecture for all the digital
potentiometers. In particular, the AD5293 employs a three-stage
segmentation approach, as shown in Figure 33. The AD5293 wiper
switch is designed with transmission gate CMOS topology and
with the gate voltage derived from VDD.
RW
SW
W
RW
10-BIT
ADDRESS
DECODER
A
RL
RL
RM
RM
B
RM
RM
RL
RL
Figure 33. Simplified RDAC Circuit
PROGRAMMING THE VARIABLE RESISTOR
Rheostat Operation—1% Resistor Tolerance
The AD5293 operates in rheostat mode when only two termi-
nals are used as a variable resistor. The unused terminal can be
left floating or can be tied to the W terminal as shown in Figure 34.
W
A
B
W
A
B
W
A
B
Figure 34. Rheostat Mode Configuration
The nominal resistance between Terminal A and Terminal B,
RAB, is available in 20 kΩ and has 1024 tap points that are
accessed by the wiper terminal. The 10-bit data in the RDAC
latch is decoded to select one of the 1024 possible wiper settings.
The AD5293 contains an internal ±1% resistor tolerance cali-
bration feature that can be enabled or disabled (enabled by
default) by programming Bit C2 of the control register (see
Table 9 and Table 10).
The digitally programmed output resistance between the W
terminal and the A terminal, RWA, and the W terminal and
B terminal, RWB, is calibrated to give a maximum of ±1%
absolute resistance error over both the full supply and
temperature ranges. As a result, the general equation for
determining the digitally programmed output resistance
between the W terminal and B terminal is
AB
WB
R
D
D
R
×
=
1024
)
(
(1)
where:
D
is the decimal equivalent of the binary code loaded in the
10-bit RDAC register.
RAB
is the end-to-end resistance.
Similar to the mechanical potentiometer, the resistance of the
RDAC between the W terminal and the A terminal also
produces a digitally controlled complementary resistance, RWA.
RWA is also calibrated to give a maximum of 1% absolute
resistance error. RWA starts at the maximum resistance value and
decreases as the data loaded into the latch increases. The
general equation for this operation is
AB
WA
R
D
D
R
×
−
=
1024
1024
)
(
(2)
where:
D
is the decimal equivalent of the binary code loaded in the
10-bit RDAC register.
RAB
is the end-to-end resistance.
In the zero-scale condition, a finite total wiper resistance of 120 Ω
is present. Regardless of the setting in which the part is operating,
care should be taken to limit the current between the A terminal
and B terminal, the W terminal and A terminal, and the W termi-
nal and B terminal to the maximum continuous current of ±3 mA
or to the pulse current specified in Table 4. Otherwise, degradation,
or possible destruction of the internal switch contact, can occur.
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer easily generates a voltage divider at the
wiper-to-B terminal and the wiper-to-A terminal that is pro-
portional to the input voltage at A to B, as shown in Figure 35.
Unlike the polarity of VDD to GND, which must be positive,
voltage across A to B, W to A, and W to B can be at either
polarity.
W
A
B
VIN
VOUT
Figure 35. Potentiometer Mode Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com