Electronic Components Datasheet Search
  English  ▼

X  

AD5293 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5293
Description  Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5293 Datasheet(HTML) 3 Page - Analog Devices

  AD5293 Datasheet HTML 1Page - Analog Devices AD5293 Datasheet HTML 2Page - Analog Devices AD5293 Datasheet HTML 3Page - Analog Devices AD5293 Datasheet HTML 4Page - Analog Devices AD5293 Datasheet HTML 5Page - Analog Devices AD5293 Datasheet HTML 6Page - Analog Devices AD5293 Datasheet HTML 7Page - Analog Devices AD5293 Datasheet HTML 8Page - Analog Devices AD5293 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD5293
Rev. 0 | Page 3 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VDD = 21 V to 33 V, VSS = 0 V; VDD = 10.5 V to 16.5 V, VSS = −10.5 V to −16.5 V; VLOGIC = 2.7 V to 5.5 V, VA = VDD, VB = VSS, −40°C < TA <
+105°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS,
RHEOSTAT MODE
Resolution
N
10
Bits
Resistor Differential Nonlinearity2
R-DNL
RWB
−1
+1
LSB
Resistor Integral Nonlinearity2
R-INL
|VDD − VSS | = 26 V to 33 V
−2
+2
LSB
R-INL
|VDD − VSS | = 21 V to 26 V
−3
+3
LSB
Nominal Resistor Tolerance
(R-Perf Mode)3
∆RAB/RAB
See
Table 2
−1
±0.5
+1
%
Nominal Resistor Tolerance
(Normal Mode)
∆RAB/RAB
±20
%
Resistance Temperature
Coefficient4
(∆RAB/RAB)/∆T × 106
35
ppm/°C
Wiper Resistance
RW
60
100
Ω
DC CHARACTERISTICS,
POTENTIOMETER DIVIDER MODE
Resolution
N
10
Bits
Differential Nonlinearity5
DNL
−1
+1
LSB
Integral Nonlinearity5
INL
−1.5
+1.5
LSB
Voltage Divider Temperature
Coefficient4
(∆VW/VW)/∆T × 106
Code = half scale
5
ppm/°C
Full-Scale Error
VWFSE
Code = full scale
−8
0
LSB
Zero-Scale Error
VWZSE
Code = zero scale
0
8
LSB
RESISTOR TERMINALS
Terminal Voltage Range6
VA, VB, VW
VSS
VDD
V
Capacitance A, Capacitance B4
CA, CB
f = 1 MHz, measured to GND,
code = half-scale
50
pF
Capacitance W4
CW
f = 1 MHz, measured to GND,
code = half-scale
65
pF
Common-Mode Leakage Current
ICM
VA = VB = VW
±1
nA
DIGITAL INPUTS
JEDEC compliant
Input Logic High
VIH
VLOGIC = 2.7 V to 5.5 V
2.0
V
Input Logic Low
VIL
VLOGIC = 2.7 V to 5.5 V
0.8
V
Input Current
IIL
VIN = 0 V or VLOGIC
±1
μA
Input Capacitance4
CIL
5
pF
DIGITAL OUTPUTS (SDO and RDY)
Output High Voltage
VOH
RPULL_UP = 2.2 kΩ to VLOGIC
VLOGIC − 0.4
V
Output Low Voltage
VOL
RPULL_UP = 2.2 kΩ to VLOGIC
GND + 0.4
V
Tristate Leakage Current
−1
+1
μA
Output Capacitance4
COL
5
pF
POWER SUPPLIES
Single-Supply Power Range
VDD
VSS = 0 V
9
33
V
Dual-Supply Power Range
VDD/VSS
±9
±16.5
V
Positive Supply Current
IDD
VDD/VSS = ±16.5 V
0.1
2
μA
Negative Supply Current
ISS
VDD/VSS = ±16.5 V
−2
−0.1
μA
Logic Supply Range
VLOGIC
2.7
5.5
V
Logic Supply Current
ILOGIC
VLOGIC = 5 V; VIH = 5 V, or VIL = GND
1
10
μA
Power Dissipation7
PDISS
VIH = 5 V, or VIL = GND
8
110
μW
Power Supply Rejection Ratio4
PSSR
∆VDD/∆VSS = ±15 V ± 10%
0.025
0.08
%/%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com