Electronic Components Datasheet Search
  English  ▼

X  

AD5293 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5293
Description  Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5293 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5293 Datasheet HTML 10Page - Analog Devices AD5293 Datasheet HTML 11Page - Analog Devices AD5293 Datasheet HTML 12Page - Analog Devices AD5293 Datasheet HTML 13Page - Analog Devices AD5293 Datasheet HTML 14Page - Analog Devices AD5293 Datasheet HTML 15Page - Analog Devices AD5293 Datasheet HTML 16Page - Analog Devices AD5293 Datasheet HTML 17Page - Analog Devices AD5293 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD5293
Rev. 0 | Page 14 of 20
THEORY OF OPERATION
The AD5293 digital potentiometer is designed to operate as
a true variable resistor for analog signals that remain within
the terminal voltage range of VSS < VTERM < VDD. The patented
±1% resistor tolerance feature helps to minimize the total
RDAC resistance error, which reduces the overall system error
by offering better absolute matching and improved open-loop
performance. The digital potentiometer wiper position is
determined by the RDAC register contents. The RDAC register
acts as a scratchpad register, allowing as many value changes
as necessary to place the potentiometer wiper in the correct
position. The RDAC register can be programmed with any
position setting via the standard serial peripheral interface (SPI)
by loading the 16-bit data-word.
SERIAL DATA INTERFACE
The AD5293 contains a serial interface (SYNC, SCLK, DIN, and
SDO) that is compatible with SPI standards, as well as most DSPs.
The device allows data to be written to every register via the SPI.
SHIFT REGISTER
The AD5293 shift register is 16 bits wide (see Figure 2). The 16-bit
data-word consists of two unused bits, which are set to 0, followed
by four control bits and 10 RDAC data bits. Data is loaded MSB
first (Bit DB15). The four control bits determine the function of
the software command (see Table 8). Figure 3 shows a timing
diagram of a typical write sequence.
The write sequence begins by bringing the SYNC line low. The
SYNC pin must be held low until the complete data-word is loaded
from the DIN pin. When SYNC returns high, the serial data-word
is decoded according to the instructions in
. The command
bits (Cx) control the operation of the digital potentiometer. The
data bits (Dx) are the values that are loaded into the decoded reg-
ister. The AD5293 has an internal counter that counts a multiple of
16 bits (per frame) for proper operation. For example, the AD5293
works with a 32-bit word, but it cannot work properly with a 31- or
33-bit word. The AD5293 does not require a continuous SCLK,
when
Table 8
SYNC is high, and all interface pins should be operated close
to the supply rails to minimize power consumption in the digital
input buffers.
RDAC REGISTER
The RDAC register directly controls the position of the digital
potentiometer wiper. For example, when the RDAC register is
loaded with all 0s, the wiper is connected to Terminal B of the
variable resistor. The RDAC register is a standard logic register;
there is no restriction on the number of changes allowed. The RDY
pin can be used to monitor the completion of a write to or read
from the RDAC register. The AD5293 presets to mid-scale on
power-up.
WRITE PROTECTION
On power-up, the serial data input register write command for
the RDAC register is disabled. The RDAC write protect bit, C1
of the control register (see Table 9 and Table 10), is set to 0 by
default. This disables any change of the RDAC register content,
regardless of the software commands, except that the RDAC
register can be refreshed to midscale using the software reset
command (Command 3, see Table 8) or through hardware,
using the RESET pin. To enable programming of the variable
resistor wiper position (programming the RDAC register), the
write protect bit, C1 of the control register, must first be program-
med. This is accomplished by loading the serial data input
register with Command 4 (see
).
Table 8
BASIC OPERATION
The basic mode of setting the variable resistor wiper position
(programming the RDAC register) is accomplished by loading
the serial data input register with Command 1 (see Table 8) and
the desired wiper position data. The RDY pin can be used to moni-
tor the completion of this RDAC register write command.
Command 2 can be used to read back the contents of the RDAC
register (see Table 8). After issuing the readback command, the
RDY pin can be monitored to indicate when the data is available
to be read out on SDO in the next SPI operation. Instead of moni-
toring the RDY pin, a minimum delay can be implemented when
executing a write or read command (see Table 3). Table 7 provides
an example listing of a sequence of serial data input (DIN) words
with the serial data output appearing at the SDO pin in
hexadecimal format for an RDAC write and read.
Table 7. RDAC Register Write and Read Example
DIN
SDO
Action
0x1802
0xXXXX1
Enable update of wiper position.
0x0500
0x1802
Write 0x100 to the RDAC register. Wiper
moves to ¼ full-scale position.
0x0800
0x0500
Prepare data read from RDAC register.
0x0000
0x0100
NOP (Instruction 0) sends a 16-bit word
out of SDO, where the last 10 bits contain
the contents of the RDAC register.
1 X = unknown.
SHUTDOWN MODE
The AD5293 can be placed in shutdown mode by executing the
software shutdown command (see Command 6 in Table 8) and
then setting the LSB to 1. This feature places the RDAC in a special
state in which Terminal A is open-circuited and Wiper W is con-
nected to Terminal B. The contents of the RDAC register are
unchanged by entering shutdown mode. However, all commands
listed in Table 8 are supported while in shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com