Electronic Components Datasheet Search
  English  ▼

X  

SN8P2613 Datasheet(PDF) 95 Page - SONiX Technology Company

Part # SN8P2613
Description  8-Bit Micro-Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2613 Datasheet(HTML) 95 Page - SONiX Technology Company

Back Button SN8P2613 Datasheet HTML 91Page - SONiX Technology Company SN8P2613 Datasheet HTML 92Page - SONiX Technology Company SN8P2613 Datasheet HTML 93Page - SONiX Technology Company SN8P2613 Datasheet HTML 94Page - SONiX Technology Company SN8P2613 Datasheet HTML 95Page - SONiX Technology Company SN8P2613 Datasheet HTML 96Page - SONiX Technology Company SN8P2613 Datasheet HTML 97Page - SONiX Technology Company SN8P2613 Datasheet HTML 98Page - SONiX Technology Company SN8P2613 Datasheet HTML 99Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 102 page
background image
SN8P2610 Series
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 95
Version 1.3
12.3 P-DIP 14 PIN
MIN
NOR
MAX
MIN
NOR
MAX
SYMBOLS
(inch)
(mm)
A
-
-
0.210
-
-
5.334
A1
0.015
-
-
0.381
-
-
A2
0.125
0.130
0.135
3.175
3.302
3.429
D
0.735
0.075
0.775
18.669
1.905
19.685
E
0.300
7.62
E1
0.245
0.250
0.255
6.223
6.35
6.477
L
0.115
0.130
0.150
2.921
3.302
3.810
eB
0.335
0.355
0.375
8.509
9.017
9.525
θ°
0°
7°
15°
0°
7°
15°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com