Electronic Components Datasheet Search
  English  ▼

X  

SN8P2613 Datasheet(PDF) 57 Page - SONiX Technology Company

Part # SN8P2613
Description  8-Bit Micro-Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2613 Datasheet(HTML) 57 Page - SONiX Technology Company

Back Button SN8P2613 Datasheet HTML 53Page - SONiX Technology Company SN8P2613 Datasheet HTML 54Page - SONiX Technology Company SN8P2613 Datasheet HTML 55Page - SONiX Technology Company SN8P2613 Datasheet HTML 56Page - SONiX Technology Company SN8P2613 Datasheet HTML 57Page - SONiX Technology Company SN8P2613 Datasheet HTML 58Page - SONiX Technology Company SN8P2613 Datasheet HTML 59Page - SONiX Technology Company SN8P2613 Datasheet HTML 60Page - SONiX Technology Company SN8P2613 Datasheet HTML 61Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 102 page
background image
SN8P2610 Series
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 57
Version 1.3
5.3 WAKEUP
5.3.1 OVERVIEW
Under power down mode (sleep mode) or green mode, program doesn’t execute. The wakeup trigger can wake the
system up to normal mode or slow mode. The wakeup trigger sources are external trigger (P0, P1 level change) and
internal trigger (T0 timer overflow).
Power down mode is waked up to normal mode. The wakeup trigger is only external trigger (P0, P1 level change)
Green mode is waked up to last mode (normal mode or slow mode). The wakeup triggers are external trigger (P0,
P1 level change) and internal trigger (T0 timer overflow).
5.3.2 WAKEUP TIME
When the system is in power down mode (sleep mode), the high clock oscillator stops. When waked up from power
down mode, MCU waits for 2048 external high-speed oscillator clocks as the wakeup time to stable the oscillator circuit.
After the wakeup time, the system goes into the normal mode.
Note: Wakeup from green mode is no wakeup time because the clock doesn’t stop in green mode.
The value of the wakeup time is as the following.
The Wakeup time = 1/Fosc * 2048 (sec) + high clock start-up time
Note: The high clock start-up time is depended on the VDD and oscillator type of high clock.
Example: In power down mode (sleep mode), the system is waked up. After the wakeup time, the system
goes into normal mode. The wakeup time is as the following.
The wakeup time = 1/Fosc * 2048 = 0.512 ms (Fosc = 4MHz)
The total wakeup time = 0.512 ms + oscillator start-up time
5.3.3 P1W WAKEUP CONTROL REGISTER
Under power down mode (sleep mode) and green mode, the I/O ports with wakeup function are able to wake the
system up to normal mode. The Port 0 and Port 1 have wakeup function. Port 0 wakeup function always enables, but
the Port 1 is controlled by the P1W register.
0C0H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1W
P17W
P16W
P15W
P14W
P13W
P12W
P11W
P10W
Read/Write
W
W
W
W
W
W
W
W
After reset
0
0
0
0
0
0
0
0
Bit[7:0]
P10W~P17W:
Port 1 wakeup function control bits.
0 = Disable P1n wakeup function.
1 = Enable P1n wakeup function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com