Electronic Components Datasheet Search
  English  ▼

X  

SN8P2613 Datasheet(PDF) 40 Page - SONiX Technology Company

Part # SN8P2613
Description  8-Bit Micro-Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2613 Datasheet(HTML) 40 Page - SONiX Technology Company

Back Button SN8P2613 Datasheet HTML 36Page - SONiX Technology Company SN8P2613 Datasheet HTML 37Page - SONiX Technology Company SN8P2613 Datasheet HTML 38Page - SONiX Technology Company SN8P2613 Datasheet HTML 39Page - SONiX Technology Company SN8P2613 Datasheet HTML 40Page - SONiX Technology Company SN8P2613 Datasheet HTML 41Page - SONiX Technology Company SN8P2613 Datasheet HTML 42Page - SONiX Technology Company SN8P2613 Datasheet HTML 43Page - SONiX Technology Company SN8P2613 Datasheet HTML 44Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 102 page
background image
SN8P2610 Series
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 40
Version 1.3
3.4.2 THE SYSTEM OPERATING VOLTAGE DECSRIPTION
To improve the brown out reset needs to know the system minimum operating voltage which is depend on the system
executing rate and power level. Different system executing rates have different system minimum operating voltage.
The electrical characteristic section shows the system voltage to executing rate relationship.
Vdd (V)
System Rate (Fcpu)
System Mini.
Operating Voltage.
System Reset
Voltage.
Dead-Band Area
Normal Operating
Area
Reset Area
Normally the system operation voltage area is higher than the system reset voltage to VDD, and the reset voltage is
decided by LVD detect level. The system minimum operating voltage rises when the system executing rate upper even
higher than system reset voltage. The dead-band definition is the system minimum operating voltage above the system
reset voltage.
3.4.3 BROWN OUT RESET IMPROVEMENT
How to improve the brown reset condition?
There are some methods to improve brown out reset as following.
LVD reset
Watchdog reset
Reduce the system executing rate
External reset circuit. (Zener diode reset circuit, Voltage bias reset circuit, External reset IC)
Note:
1. The “ Zener diode reset circuit”, “Voltage bias reset circuit” and “External reset IC” can
completely improve the brown out reset, DC low battery and AC slow power down conditions.
2. For AC power application and enhance EFT performance, the system clock is 4MHz/4 (1 mips)
and use external reset (“ Zener diode reset circuit”, “Voltage bias reset circuit”, “External reset
IC”). The structure can improve noise effective and get good EFT characteristic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com