Electronic Components Datasheet Search
  English  ▼

X  

SN8P2613 Datasheet(PDF) 45 Page - SONiX Technology Company

Part # SN8P2613
Description  8-Bit Micro-Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2613 Datasheet(HTML) 45 Page - SONiX Technology Company

Back Button SN8P2613 Datasheet HTML 41Page - SONiX Technology Company SN8P2613 Datasheet HTML 42Page - SONiX Technology Company SN8P2613 Datasheet HTML 43Page - SONiX Technology Company SN8P2613 Datasheet HTML 44Page - SONiX Technology Company SN8P2613 Datasheet HTML 45Page - SONiX Technology Company SN8P2613 Datasheet HTML 46Page - SONiX Technology Company SN8P2613 Datasheet HTML 47Page - SONiX Technology Company SN8P2613 Datasheet HTML 48Page - SONiX Technology Company SN8P2613 Datasheet HTML 49Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 102 page
background image
SN8P2610 Series
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 45
Version 1.3
3.6.4 Voltage Bias Reset Circuit
MCU
VDD
VSS
VCC
GND
RST
R1
47K ohm
R3
2K ohm
R2
10K ohm
Q1
E
C
B
The voltage bias reset circuit is a low cost voltage detector and can improve brown out reset condition completely.
The operating voltage is not accurate as zener diode reset circuit. Use R1, R2 bias voltage to be the active level. When
VDD voltage level is above or equal to “0.7V x (R1 + R2) / R1”, the C terminal of the PNP transistor outputs high
voltage and MCU operates normally. When VDD is below “0.7V x (R1 + R2) / R1”, the C terminal of the PNP transistor
outputs low voltage and MCU is in reset mode.
Decide the reset detect voltage by R1, R2 resistances. Select the right R1, R2 value to conform the application. In the
circuit diagram condition, the MCU’s reset pin level varies with VDD voltage variation, and the differential voltage is
0.7V. If the VDD drops and the voltage lower than reset pin detect level, the system would be reset. If want to make the
reset active earlier, set the R2 > R1 and the cap between VDD and C terminal voltage is larger than 0.7V. The external
reset circuit is with a stable current through R1 and R2. For power consumption issue application, e.g. DC power
system, the current must be considered to whole system power consumption.
Note: Under unstable power condition as brown out reset, “Zener diode rest circuit” and “Voltage bias
reset circuit” can protects system no any error occurrence as power dropping. When power drops
below the reset detect voltage, the system reset would be triggered, and then system executes
reset sequence. That makes sure the system work well under unstable power situation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com