Electronic Components Datasheet Search
  English  ▼

X  

SN8P2613 Datasheet(PDF) 25 Page - SONiX Technology Company

Part # SN8P2613
Description  8-Bit Micro-Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2613 Datasheet(HTML) 25 Page - SONiX Technology Company

Back Button SN8P2613 Datasheet HTML 21Page - SONiX Technology Company SN8P2613 Datasheet HTML 22Page - SONiX Technology Company SN8P2613 Datasheet HTML 23Page - SONiX Technology Company SN8P2613 Datasheet HTML 24Page - SONiX Technology Company SN8P2613 Datasheet HTML 25Page - SONiX Technology Company SN8P2613 Datasheet HTML 26Page - SONiX Technology Company SN8P2613 Datasheet HTML 27Page - SONiX Technology Company SN8P2613 Datasheet HTML 28Page - SONiX Technology Company SN8P2613 Datasheet HTML 29Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 102 page
background image
SN8P2610 Series
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 25
Version 1.3
2.1.4.3
BIT DEFINITION of SYSTEM REGISTER
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
Remarks
082H
RBIT7
RBIT6
RBIT5
RBIT4
RBIT3
RBIT2
RBIT1
RBIT0
R/W R
083H
ZBIT7
ZBIT6
ZBIT5
ZBIT4
ZBIT3
ZBIT2
ZBIT1
ZBIT0
R/W Z
084H
YBIT7
YBIT6
YBIT5
YBIT4
YBIT3
YBIT2
YBIT1
YBIT0
R/W Y
086H
NT0
NPD
LVD36
LVD24
-
C
DC
Z
R/W PFLAG
0B8H
-
-
-
-
-
-
P01M
P00M
R/W P0M
0BFH
-
-
-
P00G1
P00G0
-
-
-
R/W PEDGE
0C0H
P17W
P16W
P15W
P14W
P13W
P12W
P11W
P10W
W
P1W wakeup register
0C1H
P17M
P16M
-
P14M
P13M
P12M
P11M
P10M
R/W P1M I/O direction
0C5H
P57M
P56M
P55M
P54M
P53M
P52M
P51M
P50M
R/W P5M I/O direction
0C8H
-
-
TC0IRQ
T0IRQ
-
-
-
P00IRQ
R/W INTRQ
0C9H
-
-
TC0IEN
T0IEN
-
-
-
P00IEN
R/W INTEN
0CAH
0
0
0
CPUM1
CPUM0
CLKMD
STPHX
0
R/W OSCM
0CCH
WDTR7
WDTR6
WDTR5
WDTR4
WDTR3
WDTR2
WDTR1
WDTR0
W
WDTR
0CDH
TC0R7
TC0R6
TC0R5
TC0R4
TC0R3
TC0R2
TC0R1
TC0R0
W
TC0R
0CEH
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
R/W PCL
0CFH
-
-
-
-
-
PC10
PC9
PC8
R/W PCH
0D0H
-
-
-
-
-
-
P01
P00
R/W P0 data buffer
0D1H
P17
P16
P15
P14
P13
P12
P11
P10
R/W P1 data buffer
0D5H
P57
P56
P55
P54
P53
P52
P51
P50
R/W P5 data buffer
0D8H
T0ENB
T0rate2
T0rate1
T0rate0
-
-
-
0
R/W T0M
0D9H
T0C7
T0C6
T0C5
T0C4
T0C3
T0C2
T0C1
T0C0
R/W T0C
0DAH
TC0ENB
TC0rate2
TC0rate1
TC0rate0
TC0CKS
ALOAD0
TC0OUT
PWM0OUT
R/W TC0M
0DBH
TC0C7
TC0C6
TC0C5
TC0C4
TC0C3
TC0C2
TC0C1
TC0C0
R/W TC0C
0DFH
GIE
-
-
-
-
STKPB2
STKPB1
STKPB0
R/W STKP stack pointer
0E0H
-
-
-
-
-
-
P01UR
P00R
W
P0 pull-up register
0E1H
P17UR
P16UR
-
P14R
P13R
P12R
P11R
P10R
W
P1 pull-up register
0E5H
P57R
P56R
P55R
P54R
P53R
P52R
P51R
P50R
W
P5 pull-up register
0E7H
@YZ7
@YZ6
@YZ5
@YZ4
@YZ3
@YZ2
@YZ1
@YZ0
R/W @YZ index pointer
0E9H
-
-
-
-
-
-
-
P10OC
W
P1OCopen-drain
0F8H
S3PC7
S3PC6
S3PC5
S3PC4
S3PC3
S3PC2
S3PC1
S3PC0
R/W STK3L
0F9H
-
-
-
-
-
S3PC10
S3PC9
S3PC8
R/W STK3H
0FAH
S2PC7
S2PC6
S2PC5
S2PC4
S2PC3
S2PC2
S2PC1
S2PC0
R/W STK2L
0FBH
-
-
-
-
-
S2PC10
S2PC9
S2PC8
R/W STK2H
0FCH
S1PC7
S1PC6
S1PC5
S1PC4
S1PC3
S1PC2
S1PC1
S1PC0
R/W STK1L
0FDH
-
-
-
-
-
S1PC10
S1PC9
S1PC8
R/W STK1H
0FEH
S0PC7
S0PC6
S0PC5
S0PC4
S0PC3
S0PC2
S0PC1
S0PC0
R/W STK0L
0FFH
-
-
-
-
-
S0PC10
S0PC9
S0PC8
R/W STK0H
Note:
1. To avoid system error, please be sure to put all the “0” and “1” as it indicates in the above
table
.
2. All of register names had been declared in SN8ASM assembler.
3. One-bit name had been declared in SN8ASM assembler with “F” prefix code.
4. “b0bset”, “b0bclr”, ”bset”, ”bclr” instructions are only available to the “R/W” registers.
5. For detail description, please refer to the “System Register Quick Reference Table”
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com