Electronic Components Datasheet Search
  English  ▼

X  

SN8P2613 Datasheet(PDF) 27 Page - SONiX Technology Company

Part # SN8P2613
Description  8-Bit Micro-Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2613 Datasheet(HTML) 27 Page - SONiX Technology Company

Back Button SN8P2613 Datasheet HTML 23Page - SONiX Technology Company SN8P2613 Datasheet HTML 24Page - SONiX Technology Company SN8P2613 Datasheet HTML 25Page - SONiX Technology Company SN8P2613 Datasheet HTML 26Page - SONiX Technology Company SN8P2613 Datasheet HTML 27Page - SONiX Technology Company SN8P2613 Datasheet HTML 28Page - SONiX Technology Company SN8P2613 Datasheet HTML 29Page - SONiX Technology Company SN8P2613 Datasheet HTML 30Page - SONiX Technology Company SN8P2613 Datasheet HTML 31Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 102 page
background image
SN8P2610 Series
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 27
Version 1.3
2.1.4.5
PROGRAM FLAG
The PFLAG register contains the arithmetic status of ALU operation, system reset status and LVD detecting status.
NT0, NPD bits indicate system reset status including power on reset, LVD reset, reset by external pin active and
watchdog reset. C, DC, Z bits indicate the result status of ALU operation. LVD24, LVD36 bits indicate LVD detecting
power voltage status.
086H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PFLAG
NT0
NPD
LVD36
LVD24
-
C
DC
Z
Read/Write
R/W
R/W
R
R
-
R/W
R/W
R/W
After reset
-
-
0
0
-
0
0
0
Bit [7:6]
NT0, NPD:
Reset status flag.
NT0
NPD
Reset Status
0
0
Watch-dog time out
0
1
Reserved
1
0
Reset by LVD
1
1
Reset by external Reset Pin
Bit 5
LVD36:
LVD 3.6V operating flag and only support LVD code option is LVD_H.
0 = Inactive (VDD > 3.6V).
1 = Active (VDD <= 3.6V).
Bit 4
LVD24:
LVD 2.4V operating flag and only support LVD code option is LVD_M.
0 = Inactive (VDD > 2.4V).
1 = Active (VDD <= 2.4V).
Bit 2
C:
Carry flag
1 = Addition with carry, subtraction without borrowing, rotation with shifting out logic “1”, comparison result
≥ 0.
0 = Addition without carry, subtraction with borrowing signal, rotation with shifting out logic “0”, comparison
result < 0.
Bit 1
DC:
Decimal carry flag
1 = Addition with carry from low nibble, subtraction without borrow from high nibble.
0 = Addition without carry from low nibble, subtraction with borrow from high nibble.
Bit 0
Z:
Zero flag
1 = The result of an arithmetic/logic/branch operation is zero.
0 = The result of an arithmetic/logic/branch operation is not zero.
Note: Refer to instruction set table for detailed information of C, DC and Z flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com