Electronic Components Datasheet Search
  English  ▼

X  

SN8P2613 Datasheet(PDF) 41 Page - SONiX Technology Company

Part # SN8P2613
Description  8-Bit Micro-Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2613 Datasheet(HTML) 41 Page - SONiX Technology Company

Back Button SN8P2613 Datasheet HTML 37Page - SONiX Technology Company SN8P2613 Datasheet HTML 38Page - SONiX Technology Company SN8P2613 Datasheet HTML 39Page - SONiX Technology Company SN8P2613 Datasheet HTML 40Page - SONiX Technology Company SN8P2613 Datasheet HTML 41Page - SONiX Technology Company SN8P2613 Datasheet HTML 42Page - SONiX Technology Company SN8P2613 Datasheet HTML 43Page - SONiX Technology Company SN8P2613 Datasheet HTML 44Page - SONiX Technology Company SN8P2613 Datasheet HTML 45Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 102 page
background image
SN8P2610 Series
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 41
Version 1.3
LVD reset:
VDD
VSS
System Normal Run
System Stop
LVD Detect Voltage
Power On
Delay Time
Power
System Status
Power is below LVD Detect
Voltage and System Reset.
The LVD (low voltage detector) is built-in Sonix 8-bit MCU to be brown out reset protection. When the VDD drops and
is below LVD detect voltage, the LVD would be triggered, and the system is reset. The LVD detect level is different by
each MCU. The LVD voltage level is a point of voltage and not easy to cover all dead-band range. Using LVD to
improve brown out reset is depend on application requirement and environment. If the power variation is very deep,
violent and trigger the LVD, the LVD can be the protection. If the power variation can touch the LVD detect level and
make system work error, the LVD can’t be the protection and need to other reset methods. More detail LVD information
is in the electrical characteristic section.
The LVD is three levels design (2.0V/2.4V/3.6V) and controlled by LVD code option. The 2.0V LVD is always enable for
power on reset and Brown Out reset. The 2.4V LVD includes LVD reset function and flag function to indicate VDD
status function. The 3.6V includes flag function to indicate VDD status. LVD flag function can be an easy low battery
detector
. LVD24, LVD36 flags indicate VDD voltage level. For low battery detect application, only checking LVD24,
LVD36 status to be battery status. This is a cheap and easy solution.
086H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PFLAG
NT0
NPD
LVD36
LVD24
-
C
DC
Z
Read/Write
R/W
R/W
R
R
-
R/W
R/W
R/W
After reset
-
-
0
0
-
0
0
0
Bit 5
LVD36:
LVD 3.6V operating flag and only support LVD code option is LVD_H.
0 = Inactive (VDD > 3.6V).
1 = Active (VDD <= 3.6V).
Bit 4
LVD24:
LVD 2.4V operating flag and only support LVD code option is LVD_M.
0 = Inactive (VDD > 2.4V).
1 = Active (VDD <= 2.4V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com