Electronic Components Datasheet Search
  English  ▼

X  

SN8P2613 Datasheet(PDF) 55 Page - SONiX Technology Company

Part # SN8P2613
Description  8-Bit Micro-Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2613 Datasheet(HTML) 55 Page - SONiX Technology Company

Back Button SN8P2613 Datasheet HTML 51Page - SONiX Technology Company SN8P2613 Datasheet HTML 52Page - SONiX Technology Company SN8P2613 Datasheet HTML 53Page - SONiX Technology Company SN8P2613 Datasheet HTML 54Page - SONiX Technology Company SN8P2613 Datasheet HTML 55Page - SONiX Technology Company SN8P2613 Datasheet HTML 56Page - SONiX Technology Company SN8P2613 Datasheet HTML 57Page - SONiX Technology Company SN8P2613 Datasheet HTML 58Page - SONiX Technology Company SN8P2613 Datasheet HTML 59Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 102 page
background image
SN8P2610 Series
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 55
Version 1.3
5.2 SYSTEM MODE SWITCHING EXAMPLE
Example: Switch normal/slow mode to power down (sleep) mode.
B0BSET
FCPUM0
; Set CPUM0 = 1.
Note: During the sleep, only the wakeup pin and reset can wakeup the system back to the normal mode.
Example: Switch normal mode to slow mode.
B0BSET
FCLKMD
;To set CLKMD = 1, Change the system into slow mode
B0BSET
FSTPHX
;To stop external high-speed oscillator for power saving.
Example: Switch slow mode to normal mode (The external high-speed oscillator is still running).
B0BCLR
FCLKMD
;To set CLKMD = 0
Example: Switch slow mode to normal mode (The external high-speed oscillator stops).
If external high clock stop and program want to switch back normal mode. It is necessary to delay at least 10mS for
external clock stable.
B0BCLR
FSTPHX
; Turn on the external high-speed oscillator.
MOV
A, #27
; If VDD = 5V, internal RC=32KHz (typical) will delay
B0MOV
Z, A
@@:
DECMS
Z
; 0.125ms X 81 = 10.125ms for external clock stable
JMP
@B
;
B0BCLR
FCLKMD
; Change the system back to the normal mode
Example: Switch normal/slow mode to green mode.
B0BSET
FCPUM1
; Set CPUM1 = 1.
Note: If T0 timer wakeup function is disabled in the green mode, only the wakeup pin and reset pin can
wakeup the system backs to the previous operation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com