Electronic Components Datasheet Search
  English  ▼

X  

SN8P2613 Datasheet(PDF) 43 Page - SONiX Technology Company

Part # SN8P2613
Description  8-Bit Micro-Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2613 Datasheet(HTML) 43 Page - SONiX Technology Company

Back Button SN8P2613 Datasheet HTML 39Page - SONiX Technology Company SN8P2613 Datasheet HTML 40Page - SONiX Technology Company SN8P2613 Datasheet HTML 41Page - SONiX Technology Company SN8P2613 Datasheet HTML 42Page - SONiX Technology Company SN8P2613 Datasheet HTML 43Page - SONiX Technology Company SN8P2613 Datasheet HTML 44Page - SONiX Technology Company SN8P2613 Datasheet HTML 45Page - SONiX Technology Company SN8P2613 Datasheet HTML 46Page - SONiX Technology Company SN8P2613 Datasheet HTML 47Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 102 page
background image
SN8P2610 Series
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 43
Version 1.3
3.5 EXTERNAL RESET
External reset function is controlled by “Reset_Pin” code option. Set the code option as “Reset” option to enable
external reset function. External reset pin is Schmitt Trigger structure and low level active. The system is running when
reset pin is high level voltage input. The reset pin receives the low voltage and the system is reset. The external reset
operation actives in power on and normal running mode. During system power-up, the external reset pin must be high
level input, or the system keeps in reset status. External reset sequence is as following.
External reset (only external reset pin enable):
System checks external reset pin status. If external reset pin is
not high level, the system keeps reset status and waits external reset pin released.
System initialization:
All system registers is set as initial conditions and system is ready.
Oscillator warm up:
Oscillator operation is successfully and supply to system clock.
Program executing:
Power on sequence is finished and program executes from ORG 0.
The external reset can reset the system during power on duration, and good external reset circuit can protect the
system to avoid working at unusual power condition, e.g. brown out reset in AC power application…
3.6 EXTERNAL RESET CIRCUIT
3.6.1 Simply RC Reset Circuit
MCU
VDD
VSS
VCC
GND
RST
R1
47K ohm
C1
0.1uF
R2
100 ohm
This is the basic reset circuit, and only includes R1 and C1. The RC circuit operation makes a slow rising signal into
reset pin as power up. The reset signal is slower than VDD power up timing, and system occurs a power on signal from
the timing difference.
Note: The reset circuit is no any protection against unusual power or brown out reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com