Electronic Components Datasheet Search
  English  ▼

X  

SN8P2613 Datasheet(PDF) 32 Page - SONiX Technology Company

Part # SN8P2613
Description  8-Bit Micro-Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2613 Datasheet(HTML) 32 Page - SONiX Technology Company

Back Button SN8P2613 Datasheet HTML 28Page - SONiX Technology Company SN8P2613 Datasheet HTML 29Page - SONiX Technology Company SN8P2613 Datasheet HTML 30Page - SONiX Technology Company SN8P2613 Datasheet HTML 31Page - SONiX Technology Company SN8P2613 Datasheet HTML 32Page - SONiX Technology Company SN8P2613 Datasheet HTML 33Page - SONiX Technology Company SN8P2613 Datasheet HTML 34Page - SONiX Technology Company SN8P2613 Datasheet HTML 35Page - SONiX Technology Company SN8P2613 Datasheet HTML 36Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 102 page
background image
SN8P2610 Series
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 32
Version 1.3
2.1.4.8
R REGISTERS
R register is an 8-bit buffer. There are two major functions of the register.
Can be used as working register
For store high-byte data of look-up table
(MOVC instruction executed, the high-byte data of specified ROM address will be stored in R register and the
low-byte data will be stored in ACC).
082H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
RBIT7
RBIT6
RBIT5
RBIT4
RBIT3
RBIT2
RBIT1
RBIT0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
-
-
-
-
-
-
-
-
Note: Please refer to the “LOOK-UP TABLE DESCRIPTION” about R register look-up table application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com