Electronic Components Datasheet Search
  English  ▼

X  

SMB119 Datasheet(PDF) 9 Page - Summit Microelectronics, Inc.

Part # SMB119
Description  Seven-Channel Programmable DC-DC Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB119 Datasheet(HTML) 9 Page - Summit Microelectronics, Inc.

Back Button SMB119 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 13Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
SMB119
Summit Microelectronics, Inc
9
DC OPERATING CHARACTERISTICS (CONTINUED)
(Over commercial operating conditions, unless otherwise noted. All voltages are relative to GND.)
Channel [7:5] – Step-down BUCK
VOUT
Voltage (nominal set point)
VIN[7:5]=4.2V, ILOAD=0A
+0.5
VIN
V
Note 2, VOUT = 2.5V,
T = -40°C to +85°C
-2
±1
+2
%
∆VOUT
Voltage accuracy
Note 2, VOUT = 1.2V,
T = 0°C to +70°C
-2
±1
+2
%
VFB
Feedback Voltage Reference
range
Programmable in 4mV steps
0
1
V
gm
Error amp transconductance
160
umho
IEA
Error amp output drive
±20
µA
RCS
CS amplifier transresistance
ILOAD = 500mA
1.2
Ω
RHS
HS Switch Resistance
ILOAD = 500mA
320
m
Ω
Output High
5.5
Ω
RDRVL
LS Gate drive impedance
Output Low
2.7
Ω
Vcl
Clamp threshold voltage
Programmable 1.0, 1.1, 1.2,
1.5V
1.0
1.5
V
Vcl_acc
Clamp threshold voltage
Accuracy
Clamp threshold 1.0 and 1.5V
±5
%
Maximum, VBATT = 4.2V
100
%
D.C.
Duty Cycle
Minimum, PWM mode,
VBATT = 4.2V
15
30
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com