Electronic Components Datasheet Search
  English  ▼

X  

SMB119 Datasheet(PDF) 14 Page - Summit Microelectronics, Inc.

Part # SMB119
Description  Seven-Channel Programmable DC-DC Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB119 Datasheet(HTML) 14 Page - Summit Microelectronics, Inc.

Back Button SMB119 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 18Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
SMB119
Summit Microelectronics, Inc
14
I2C-2 WIRE SERIAL INTERFACE AC OPERATING CHARACTERISTICS –100 kHz
(Over commercial operating conditions, unless otherwise noted. All voltages are relative to GND.)
100kHz
Symbol
Description
Conditions
Min
Typ
Max
Units
fSCL
SCL clock frequency
0
100
KHz
TLOW
Clock low period
4.7
µs
THIGH
Clock high period
4.0
µs
tBUF
Bus free time
Before new transmission - Note
5
4.7
µs
tSU:STA
Start condition setup time
4.7
µs
tHD:STA
Start condition hold time
4.0
µs
tSU:STO
Stop condition setup time
4.7
µs
tAA
Clock edge to data valid
SCL low to valid SDA (cycle n)
0.2
3.5
µs
tDH
Data output hold time
SCL low (cycle n+1) to SDA
change
0.2
µs
tR
SCL and SDA rise time
Note 5
1000
ns
tF
SCL and SDA fall time
Note 5
300
ns
tSU:DAT
Data in setup time
250
ns
tHD:DAT
Data in hold time
0
ns
TI
Noise filter SCL and SDA
Noise suppression
100
ns
tWR_CONFIG
Write cycle time config
Configuration registers
10
ms
tWR_EE
Write cycle time EE
Memory array
5
ms
Note 5: Guaranteed by Design
Figure 4: I
2C timing diagram
TIMING DIAGRAMS
t
R
t
F
t
HIGH
t
LOW
t
SU:STA
t
HD:STA
t
SU:DAT
t
HD:DAT
t
SU:STO
t
BUF
t
DH
t
AA
SCL
SDA
(IN)
SDA
(OUT)
t
WR (For Write Operation Only)
I2C TIMING DIAGRAMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com