Electronic Components Datasheet Search
  English  ▼

X  

SMB119 Datasheet(PDF) 17 Page - Summit Microelectronics, Inc.

Part # SMB119
Description  Seven-Channel Programmable DC-DC Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB119 Datasheet(HTML) 17 Page - Summit Microelectronics, Inc.

Back Button SMB119 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 21Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
SMB119
Summit Microelectronics, Inc
17
Figure 7: Pulse skipping on LSDRV pin while in
PFM mode of operation. Switching frequency is
proportional to load.
Time/Horizontal division = 1ms
Ch 1(2V/Div) = LSDRV output (Yellow trace)
Ch 4 (50mA/Div) = 150mA load step (Green trace)
Figure 8: Pulse skipping on LSDRV pin while in
PFM mode of operation. Switching frequency is
proportional to load.
Time/Horizontal division = 200
µs
Ch 1(2V/Div) = LSDRV output (Yellow trace)
Ch 4 (50mA/Div) = 150mA load step (Green trace)
Figure 9: Pulse skipping on LSDRV for light load
PFM operation
Time/Horizontal division = 4
µs
Ch 1(2V/Div) = LSDRV output (Yellow trace)
Figure 10: Forced PWM operation.
Time/Horizontal division = 4
µs
Ch 1(2V/Div) = LSDRV output (Yellow trace)
VOLTAGE AND CURRENT WAVEFORMS (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com