Electronic Components Datasheet Search
  English  ▼

X  

SMB119 Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SMB119
Description  Seven-Channel Programmable DC-DC Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB119 Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SMB119 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
SMB119
Summit Microelectronics, Inc
4
PIN DESCRIPTIONS
Pin
Number
Pin Name
Pin Type
Pin Description
1
DGND
Ground
Digital Ground. Connect to isolated PCB ground
2
PWR_EN
Input
Enable input. PWR_EN is programmable to activate one or more
channels. This pin can be programmed to latch and act as a
debounced, manual push button input. Active high when level
triggered, active low when used as a push- button input.
3
DRVL4
Output
Buck or Boost converter low-side drive. Connect to NFET gate
4
DRVH4
Output
Buck converter high-side drive. Connect to PFET gate (for buck
only)
5
VIN4
Power
Channel 4 controller power. Connect to +2.7V to +6.0V to supply
internal FET drivers
6
COMPA4
Input
Channel 4 Buck or Boost outputs error amplifier input. Connect this
node to the type three R/C compensation network
7
PCHSEQ4
Output
Boost converter sequence. Connect to PFET gate for boost channel
on/off and sequencing. Must be tied to ground when unused.
8
COMPB4
Input
Channel 4 Buck or Boost outputs error amplifier output.
Connect
this node to the type three R/C compensation network.
9
HEALTHY
Output
Output Monitor. Open drain active-high output asserts when all
output channels are within UV/OV limits (ignoring disabled outputs)
10
POWER_FAIL
Output
Battery/Input Monitor. Detects low input voltage. Latched open-drain
active high output. Associated threshold must be set higher than
nBATT_FAULT threshold.
11
COMP6
Input
Buck converter 6 compensation pin. Connect to type 2 R/C
compensation network
12
FB6
Input
Buck converter 6 feedback pin. Connect directly to output
13
SW6
Input/Output
Buck converter 6 switch pin. Connect to drains of NFET
14
VIN6
Power
Buck Converter 6 Power. Connect to +2.7V to +6.0V to supply
internal PFET
15
DRVL6
Output
Buck converter 6 low-side drive. Connect to NFET gate
16
SYS_EN
Input
Enable input. The SYS_EN pin is an active high programmable
input used to enable (disable) selected supplies. When unused this
pin should be tied to a solid logic level.
17
DRVL7
Output
Buck converter 7 low-side drive. Connect to NFET gate
18
VIN7
Power
Buck Converter 7 Power. Connect to +2.7V to +6.0V to supply
internal PFET
19
SW7
Input/Output
Buck converter 7 switch pin. Connect to drains of NFET
20
FB7
Input
Buck converter 7 feedback pin. Connect directly to output
21
COMP7
Input
Buck converter 7 compensation pin. Connect to type 2 R/C
compensation network
22
nRESET
Output
Reset Output. releases with programmable delay after all outputs
are valid. Open-drain active low output
23
PCHSEQ1
Output
Boost converter 1 sequence. Connect to PFET gate for boost
channel on/off and sequencing. Must be tied to ground when
unused.
24
VDD_CAP
Power
VDD Bypass. Connect to VDD bypass capacitor with 10uF
capacitor.
25
VDDP
Power
Power Input for the Boost and Buck-Boost Converters. Connect to
+2.7V to +6.0V voltage source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com