Electronic Components Datasheet Search
  English  ▼

X  

SMB119 Datasheet(PDF) 25 Page - Summit Microelectronics, Inc.

Part # SMB119
Description  Seven-Channel Programmable DC-DC Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB119 Datasheet(HTML) 25 Page - Summit Microelectronics, Inc.

Back Button SMB119 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 22Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 25Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 26Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 27Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 28Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 29Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
SMB119
Summit Microelectronics, Inc
25
Most FETs are specified by an on resistance (RDSON)
for a given gate to source voltage (VGS). It is essential
to ensure that the FETs used will always have a VGS
voltage grater then the minimum value shown on the
datasheet. It is worth noting that the specified VGS
voltage must not be confused with the threshold voltage
of the FET.
The input capacitance must be chosen such that the
rise and fall times specified in the datasheet do not
exceed ~5% of the switching period.
To ensure the maximum load current will not exceed
the power rating of the FET, the power dissipation of
each FET must be determined. It is important to look at
each FET individually and then add the power
dissipation of complementary FETs after the power
dissipation over one cycle has been determined. The
Power dissipation can be approximated as follows:
Equation 6:
ON
L
DSON
T
I
R
P
*
*
~
2
Where TON is the on time of the primary switch. TON can
be calculated as follows:
Equations 7, 8, 9:
T
V
V
V
Boost
T
V
V
PFET
Buck
T
V
V
NFET
Buck
O
IN
O
IN
O
IN
O
*
)
(
:
*
:
*
)
1
(
:
−
−
−
−
Compensation:
Summit provides a design tool to called Summit Power
Designer”
that
will
automatically
calculate
the
compensation values for a design or allow the system
to be customized for a particular application. The power
designer
software
can
be
found
at
http://www.summitmicro.com/prod_select/xls/SummitPo
werDesigner_Install.zip.
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com