Electronic Components Datasheet Search
  English  ▼

X  

SMB119 Datasheet(PDF) 12 Page - Summit Microelectronics, Inc.

Part # SMB119
Description  Seven-Channel Programmable DC-DC Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB119 Datasheet(HTML) 12 Page - Summit Microelectronics, Inc.

Back Button SMB119 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 16Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
SMB119
Summit Microelectronics, Inc
12
AC OPERATING CHARACTERISTICS (CONTINUED)
(Over commercial operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Notes
Min
Typ
Max
Unit
1.5
12.5
25
tPPTO
Programmable power-On
sequence timeout period.
Programmable
power-on
sequence
position to sequence position delay.
50
ms
1.5
12.5
25
tDPOFF
Programmable power-off
sequence timeout period.
Programmable power-off sequence
position to sequence position delay.
50
ms
25
50
100
tPRTO
Programmable reset
time-out delay
Programmable time following assertion of
last supply before nRESET pin is released
high.
200
ms
OFF
50
100
tPST
Programmable sequence
termination period
Time between active enable in which
corresponding outputs must exceed there
programmed under voltage threshold. If
exceeded, a force shutdown will be
initiated.
200
ms
0
25
100
tPDB
PWR_EN de-bounce
period
When PWR_EN is programmed as power
on pin.
400
ms
tPFTO
POWER_FAIL timeout
period
Timeout begins after latch is cleared.
3
ms
tBFTO
nBATT_FAULT timeout
period
Timeout begins after fault conditions
cleared.
3
ms
tPGF
Programmable glitch filter
Period for which fault must persist before
fault triggered actions are taken. Present
on all buck, boost, and inverting supplies.
3
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com