Electronic Components Datasheet Search
  English  ▼

X  

SMB119 Datasheet(PDF) 26 Page - Summit Microelectronics, Inc.

Part # SMB119
Description  Seven-Channel Programmable DC-DC Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB119 Datasheet(HTML) 26 Page - Summit Microelectronics, Inc.

Back Button SMB119 Datasheet HTML 22Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 25Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 26Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 27Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 28Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 29Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 30Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
SMB119
Summit Microelectronics, Inc
26
R42
100
C5
0.1uF
LED+
U1
SMB119
PWREN
2
DRVL4
3
DRVH4
4
VIN4
5
COMPA4
6
PCHSEQ4
7
COMPB4
8
POWER_FAIL
10
COMP6
11
FB6
12
SW6
13
VIN6
14
DRVL6
15
SYSEN
16
VIN7
18
SW7
19
FB7
20
COMP7
21
nRESET
22
PCHSEQ1
23
VDD_CAP
24
VDDP
25
VBATT
26
COMP1
27
CSH1
28
CSL1
29
FB1
30
DRVL1
31
DRVL2
32
FB2
33
CSH2
34
CSL2
35
COMP2
36
PCHSEQ2
37
SW5
40
VIN5
41
DRVL5
42
FB5
43
COMP5
44
SHDN
45
SDA
46
SCL
47
DRVL7
17
nALERT
48
HEALTHY
9
R17
49.9K
C1
0.1uF
C2
1uF
C9
0.1uF
C10
10uF
VBATT
VIN5
FB2
R4
47K
C50
0.1uF
R18
49.9K
C51
10uF
VBATT
VIN7
Q5
Si1406DH
3
L2 10uH
R15
3
R31
3
C21
10uF
VIN4
C22
3900pF
C23
NP
D9
Schottky
C36
C37
SW1
R25
100K
C39
680pF
Q2(P)
Q1(N)
Q2
FDC6333
R26 Rcs 0.1
Q4
Si1406DH
3
L5 10uH
C40
10uF
R29
100K
C42
0.1uF
nALERT
C11
0.1uF
R19
49.9K
C12
10uF
Q6
Si1406DH
3
Optional constant current LED circuitry
L3 10uH
VIN6
VIN5
R16
3
D20
DIODE ZENER
C25
10uF
C26
3900pF
C27
NP
VBATT
VIN6
VBATT
FB2
nRESET
R49 90.9K
R50 6.8K
L1 10uH
R44
3
Do not populate with LED load
R39
Rcs 0.1
VBATT
D16
500mA
C43
10uF
C44
0.1uF
R40
100K
C46
680pF
Q2(P)
Q1(N)
Q11
FDC6420
L7 10uH
POWER_FAIL
C47
10uF
R46 90.9K
R47 6.8K
R48
100K
C49
0.1uF
SDA
R3
47K
R41
100
Optional Switches
HEALTHY
CH3
VBATT
VBATT
C3
0.1uF
C4
1uF
SCL
CH1
R14
3
C13
0.1uF
C14
1uF
SYSEN
SW2
SW SLIDE-SPDT
1
2
3
CH4
PWREN
VIN7
CH7
R43
100
CH5
C19
10uF
CH6
D11
D17
D18
D19
D12
LED white
LED+
R66 20
D13
D14
D15
C15
0.1uF
CH2
C16
3900pF
C17
NP
VBATT
R6
47K
R67 1K
R7
47K
VBATT
Q2(P)
Q1(N)
Q1
FDC6420
R30
3
L4
10uH 2A
VBATT
C28
10uF
C29
0.1uF
C7
0.1uF
C30
10uF
C8
10uF
R20
80.6K
R22
499
VBATT
C33 150pF
VIN4
R21
20K
C34 22pF
R23 20K
C35 470pF
APPLICATIONS INFORMATION (CONTINUED)
Figure 18 – Applications schematic shown the SMB119 programmable power manager.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com