Electronic Components Datasheet Search
  English  ▼

X  

SMB119 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMB119
Description  Seven-Channel Programmable DC-DC Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB119 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMB119 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
SMB119
© SUMMIT Microelectronics, Inc. 2006
757 North Mary Avenue • Sunnyvale CA 94085 • Phone 408 523-1000 • FAX 408 523-1266
1
http://www.summitmicro.com/
2126 3.0 10/8/2008
Seven-Channel Programmable DC-DC Power Manager
INTRODUCTION
• Digital programming of all major parameters via I2C interface
and non-volatile memory
o
Output voltage setpoint/margining
o
Sequencing & digital soft start
o
Enable/Disable outputs independently
o
Input/Output UV/OV voltage thresholds
o
PWM/PFM mode
• Seven programmable regulator channels with 1.5% accuracy
o
Three synchronous step-down (buck) with internal
PFETs
o
Two step-up (boost)
o
One configurable step-up (boost) or step-down (buck)
o
One adjustable output voltage LDO
• +2.7V to +6.0V Input Range (Higher system voltages supported)
• Built-in current limiting, UV/OV, and thermal protection
• Highly accurate reference and output voltage (<1.5%)
• 1MHz PWM frequency and automatic power-saving PFM mode
• 96 bytes of user configurable nonvolatile memory
• Space-saving 7x7 QFN-48 package
Applications
• Portable Media Players
• Digital camcorders/still cameras
• Smart PDA/Camera phones
• Handheld GPS/PDAs
• Portable Equipment
The SMB119 is a highly integrated and flexible seven-channel power
manager designed for use in a wide range of portable applications.
The built-in digital programmability allows system designers to custom
tailor the device to suit almost any multi-channel power supply
application from digital camcorders to mobile phones.
The SMB119 integrates all the essential blocks required to implement
a complete seven-channel power subsystem including three
synchronous step-down “buck” converters, one configurable step-up
“boost” or step-down synchronous “buck” converter, two step-up
(boost) converters, and one linear regulator (LDO).
Additionally sophisticated power control/monitoring functions required
by complex systems are built-in. These include digitally programmable
output voltage setpoint, power-up/down sequencing, enable/disable,
margining, dynamic voltage management, and UV/OV input/output
monitoring on all channels. By incorporating a second ENABLE input
and 7-level dynamic voltage control, the SMB119 is ideal for powering
systems based on Xscale™ and other similar processors.
The integration of features and built-in flexibility of the SMB119 allows
the system designer to create a “platform solution” that can be easily
modified via software without major hardware changes. Combined
with the re-programmability of the SMB119, this facilitates rapid design
cycles and proliferation from a base design to futures generations of
product.
The SMB119 is suited to battery-powered applications with an input
range of +2.7V to +6.0V and provides a very accurate voltage
regulation (<1.5%). Communication is accomplished via the industry
standard I
2C bus. All user-programmed settings are stored in non-
volatile EEPROM of which 96 bytes may be used for general-purpose
memory applications. The commercial operating temperature range is
0C to +70C, the industrial operating range is –40C to +85C, and the
available package is a 48-pad 7mm x 7mm QFN.
Figure 1 – Applications block diagram featuring the SMB119 seven-channel, programmable DC/DC converter. This integrated power
supply provides precision regulation, monitoring, cascade sequencing, and dynamic output voltage management.
SIMPLIFIED APPLICATIONS DRAWING
FEATURES & APPLICATIONS
SMB119
+0.5V to Vin (Prog.)
Analog/RF
+1.5V to +3.75V
MCU/RTC
LDO
3 Step-
Down
Channels
System
Control
and
Monitoring
Status Outputs
Shutdown
+0.5V to +35V (Prog.)
Memory, I/O
+0.5V to Vin (Prog.)
CPU Core
+0.5V to Vin (Prog.)
DSP/CODEC
Step-Up or
Step-Down
Channel
+2.7V to +6.0V
DC IN
Control Inputs
Pushbutton Power
2 Step-Up
Channels
Vin to +35V (Prog.)
LED
Backlight
Vin to +35V (Prog.)
TFT-LCD
Bias
I2C/SMBus
System Enable


Similar Part No. - SMB119

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB11 LITEON-SMB11 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB11 MIC-SMB11 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB11 LUGUANG-SMB11 Datasheet
164Kb / 4P
600Watts Surface Mount Transient Voltage Suppressor
logo
Lite-On Technology Corp...
SMB110 LITEON-SMB110 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB110 MIC-SMB110 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMB119

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
Four Channel Programmable DC-DC System Power Manager
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
Four Channel Programmable DC-DC System Power Manager
SMB118 SUMMIT-SMB118 Datasheet
132Kb / 1P
Seven-Channel Programmable DC-DC Power Manager with Battery Charger
SMB120 SUMMIT-SMB120 Datasheet
130Kb / 1P
Nine-Channel DC/DC Digitally Programmable System Power Manager
SMB122 SUMMIT-SMB122 Datasheet
143Kb / 1P
Nine-Channel Programmable DC-DC Power Manager with Battery Charger
SMB110 SUMMIT-SMB110 Datasheet
505Kb / 34P
Five Channel Programmable DC-DC System Power Manager
SMB113A SUMMIT-SMB113A Datasheet
719Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
SMB214A SUMMIT-SMB214A Datasheet
542Kb / 26P
High-power, Three-channel Programmable DC-DC System Power Managers
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
SMB214A SUMMIT-SMB214A_10 Datasheet
309Kb / 27P
High-power, Three-channel Programmable DC-DC System Power Managers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com