Electronic Components Datasheet Search
  English  ▼

X  

SMB119 Datasheet(PDF) 29 Page - Summit Microelectronics, Inc.

Part # SMB119
Description  Seven-Channel Programmable DC-DC Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB119 Datasheet(HTML) 29 Page - Summit Microelectronics, Inc.

Back Button SMB119 Datasheet HTML 25Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 26Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 27Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 28Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 29Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 30Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 31Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 32Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 33Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
SMB119
Summit Microelectronics, Inc
29
GRAPHICAL USER INTERFACE (GUI)
Device configuration utilizing the Windows based
SMB119 graphical user interface (GUI) is highly
recommended. The software is available from the
Summit website (www.summitmicro.com). Using the
GUI in conjunction with this datasheet, simplifies the
process of device prototyping and the interaction of
the various functional blocks. A programming Dongle
(SMX3200) is available from Summit to communicate
with the SMB119. The Dongle connects directly to the
parallel port of a PC and programs the device through
a cable using the I
2C bus protocol. See Figure 19 and
the SMX3200 Data Sheet.
Slave
Address
Register Type
Configuration Registers are located in
00 HEX thru 9FHEX
General-Purpose Memory Block 0 is
located in A0 HEX thru BFHEX
ANY
General-Purpose Memory Block 1 is
located in C0 HEX thru FFHEX
Table 2 - Address bytes used by the SMB119.
I2C PROGRAMMING INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com