Electronic Components Datasheet Search
  English  ▼

X  

SMB119 Datasheet(PDF) 27 Page - Summit Microelectronics, Inc.

Part # SMB119
Description  Seven-Channel Programmable DC-DC Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB119 Datasheet(HTML) 27 Page - Summit Microelectronics, Inc.

Back Button SMB119 Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 25Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 26Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 27Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 28Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 29Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 30Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 31Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
SMB119
Summit Microelectronics, Inc
27
DEVELOPMENT HARDWARE & SOFTWARE
The end user can obtain the Summit SMX3200
programming system for device prototype development.
The SMX3200 system consists of a programming
Dongle, cable and Windows
TM GUI software. It can be
ordered on the website or from a local representative.
The latest revisions of all software and an application
brief describing the SMX3200 is available from the
website (www.summitmicro.com).
The SMX3200 programming Dongle/cable interfaces
directly between a PC’s parallel port and the target
application. The device is then configured on-screen via
an intuitive graphical user interface employing drop-
down menus.
The Windows GUI software will generate the data and
send it in I
2C serial bus format so that it can be directly
downloaded to the SMB119 via the programming
Dongle and cable.
An example of the connection
interface is shown in Figure 19.
When design prototyping is complete, the software can
generate a HEX data file that should be transmitted to
Summit for approval. Summit will then assign a unique
customer ID to the HEX code and program production
devices before the final electrical test operations. This
will ensure proper device operation in the end
application.
Pin 9, 5.0V
Pin 7, 10V
Pin 5, Reserved
Pin 3, GND
Pin 1, GND
Pin 6, MR#
Pin 4, SDA
Pin 2, SCL
Pin 8, Reserved
Pin 10, Reserved
Top view of straight 0.1" x 0.1 closed-side
connector. SMX3200 interface cable connector.
9
7
5
3
1
10
8
6
4
2
SMB119
SDA
SCL
GND
0.1
µF
Figure 19 – SMX3200 Programmer I
2C serial bus connections to program the SMB119.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com