Electronic Components Datasheet Search
  English  ▼

X  

SMB119 Datasheet(PDF) 28 Page - Summit Microelectronics, Inc.

Part # SMB119
Description  Seven-Channel Programmable DC-DC Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB119 Datasheet(HTML) 28 Page - Summit Microelectronics, Inc.

Back Button SMB119 Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 25Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 26Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 27Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 28Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 29Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 30Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 31Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 32Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
SMB119
Summit Microelectronics, Inc
28
I2C PROGRAMMING INFORMATION
SERIAL INTERFACE
Access to the configuration registers, general-purpose
memory and command and status registers is carried
out over an industry standard 2-wire serial interface
(I
2C). SDA is a bi-directional data line and SCL is a
clock input. Data is clocked in on the rising edge of
SCL and clocked out on the falling edge of SCL. All
data transfers begin with the MSB.
During data
transfers, SDA must remain stable while SCL is high.
Data is transferred in 8-bit packets with an intervening
clock period in which an Acknowledge is provided by
the device receiving data. The SCL high period (tHIGH)
is used for generating Start and Stop conditions that
precede and end most transactions on the serial bus.
A high-to-low transition of SDA while SCL is high is
considered a Start condition while a low-to-high
transition of SDA while SCL is high is considered a
Stop condition.
The interface protocol allows operation of multiple
devices and types of devices on a single bus through
unique device addressing.
The address byte is
comprised of a 7-bit device type identifier (slave
address). The remaining bit indicates either a read or
a write operation. Refer to Table 1 for a description of
the address bytes used by the SMB119.
The device type identifier for the memory array, the
configuration registers and the command and status
registers are accessible with the same slave address.
The slave address can be can be programmed to any
seven bit number 0000000BIN through 1111111BIN.
WRITE
Writing to the memory or a configuration register is
illustrated in Figures 20, 21, 23, and 24.
A Start
condition followed by the slave address byte is
provided by the host; the SMB119 or SMB119X
respond with an Acknowledge; the host then responds
by
sending
the
memory
address
pointer
or
configuration register address pointer; the SMB119
responds with an acknowledge; the host then clocks in
one byte of data.
For memory and configuration
register writes, up to 15 additional bytes of data can be
clocked in by the host to write to consecutive
addresses within the same page.
After the last byte is clocked in and the host receives
an Acknowledge, a Stop condition must be issued to
initiate the nonvolatile write operation.
READ
The address pointer for the non-volatile configuration
registers and memory registers as well as the volatile
command and status registers must be set before data
can be read from the SMB119. This is accomplished
by issuing a dummy write command, which is a write
command that is not followed by a Stop condition. A
dummy write command sets the address from which
data is read.
After the dummy write command is
issued, a Start command followed by the address byte
is sent from the host. The host then waits for an
Acknowledge and then begins clocking data out of the
slave device. The first byte read is data from the
address pointer set during the dummy write command.
Additional bytes can be clocked out of consecutive
addresses with the host providing an Acknowledge
after each byte. After the data is read from the desired
registers, the read operation is terminated by the host
holding SDA high during the Acknowledge clock cycle
and then issuing a Stop condition. Refer to Figures
22, and 25 for an illustration of the read sequence.
CONFIGURATION REGISTERS
The configuration registers are grouped with the
general-purpose memory. Writing and reading the
configuration registers is shown in Figures 20, 21 and
22.
GENERAL-PURPOSE MEMORY
The 96-byte general-purpose memory block is
segmented into two continuous independently lockable
blocks. The first 48-byte memory block begins at
register address pointer A0HEX and the second memory
block begins at the register address pointer C0HEX; see
Table 2. Each memory block can be locked
individually by writing to a dedicated register in the
configuration memory space. Memory writes and
reads are shown in Figures 23, 24, and 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com