Electronic Components Datasheet Search
  English  ▼

X  

DM164 Datasheet(PDF) 12 Page - Silicon Touch Technology Inc.

Part # DM164
Description  8x3-CHANNEL CONSTANT CURRENT LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM164 Datasheet(HTML) 12 Page - Silicon Touch Technology Inc.

Back Button DM164 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 16Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM164
8x3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.002
Page 11
or the falling edge of DCK by setting DCKPH to L or H. After all data are transferred into
the D&G mode shift registers, the D&G mode data can be latched from shift registers to
the data latches by a LTH signal at either D&G mode or GD mode. Figure 2 shows the
D&G mode data input timing chart.
DCKPH
MSEL
DIN
D&G[191]
DCK
DOUT
(DOUTPH=L)
DOUT
(DOUTPH=H)
LTH
123
192
GND
D&G mode
GD mode
D&G[190]
D&G[189]
D&G[0]
D&G[191]
D&G[191]
GD[383]
GD[382]
Figure 2. D&G Mode Data Input Timing Chart
GD Mode Data Format
At GD mode, the grayscale PWM data will be transferred to the shift registers. The
complete grayscale PWM data format consists of 24 x 16-bit. The total shift registers width
at GD mode is 384-bit. All grayscale PWM data is clocked in with MSB first. Figure 3
shows the GD mode data format.
IOUT
23-15
MSB
383
IOUT
23-0
‧‧‧
IOUT
00-15
IOUT
00-0
‧‧‧
IOUT
22-15
IOUT
01-0
‧‧‧
LSB
0
368
367
15
16
IOUT23
IOUT00
IOUT22 ~ IOUT01
IOUT
01-1
IOUT
22-14
366
17
Figure 3. GD Mode Data Format (GD[383:0])
When MSEL is set to low, the DM164 enters GD mode. The internal shift registers
changes to 384-bit wide. The input data can be transferred at either the rising edge of DCK
or the falling edge of DCK by setting DCKPH to L or H. After all data are transferred into
the GD mode shift registers, the GD mode data can be latched from shift registers to the
data latches by a LTH signal at GD mode only. Figure 4 shows the GD mode data input
timing chart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com