Electronic Components Datasheet Search
  English  ▼

X  

DM164 Datasheet(PDF) 5 Page - Silicon Touch Technology Inc.

Part # DM164
Description  8x3-CHANNEL CONSTANT CURRENT LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM164 Datasheet(HTML) 5 Page - Silicon Touch Technology Inc.

  DM164 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM164
8x3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.002
Page 4
PIN NAME
FUNCTION
QFN48 / LQFP48
pin number
VDD1,VDD2 Power supply terminal.
16,45
VSS1~4
Ground terminal.
18,19,42,43
REXT_R
REXT_G
REXT_B
External resistor connected between REXT and GND
for driver current setting.
REXT_R controls outputs:
IOUT0, 3, 6, 9, 12, 15, 18, 21.
REXT_G controls outputs:
IOUT1, 4, 7, 10, 13, 16, 19, 22.
REXT_B controls outputs:
IOUT2, 5, 8, 11, 14, 17, 20, 23.
21
22
23
IOUT0~11
LED driver outputs.
12,11,10,9,8,7,
6,5,4,3,2,1
IOUT12~23
LED driver outputs.
36,35,34,33,32,31
30,29,28,27,26,25
DIN
Serial input for grayscale PWM data and current
adjustment data.
48
DOUT
Serial output for grayscale PWM data and current
adjustment data.
37
DCK
Synchronous clock input for serial data transfer. The
input data of DIN can be transferred at either the rising
edges of DCK or the falling edges of DCK depending
on the signal DCKPH.
47
DCKO
Synchronous clock output for serial data transfer.
DCKO
= DCK .
38
DCKPH
When DCKPH = L, input data is shifted in by rising
edge of DCK,
When DCKPH = H, input data is shifted in by falling
edge of DCK
14
DOUTPH
When DOUTPH = H, DOUT is shifted out with half
DCK cycle delay
When DOUTPH = L, DOUT is shifted out without delay
15
LTH
Data latch input pin.
When DCKPH=L & LTH=H or DCKPH=H & LTH=L,
internal latches become transparent and PWM counter
value will be set to FFFF(h).
When DCKPH=L & LTH=L or DCKPH=H & LTH=H,
internal latches hold data.
46
LTHO
Data latch output pin. LTHO
= LTH
39
GCK
Clock input for PWM operation. When DCKPH=L
(DCKPH=H), the internal PWM counter will count up
with rising (falling) edge of GCK.
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com