Electronic Components Datasheet Search
  English  ▼

X  

DM164 Datasheet(PDF) 8 Page - Silicon Touch Technology Inc.

Part # DM164
Description  8x3-CHANNEL CONSTANT CURRENT LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM164 Datasheet(HTML) 8 Page - Silicon Touch Technology Inc.

Back Button DM164 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 12Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM164
8x3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.002
Page 7
Electrical Characteristics (VDD = 5.0 V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Input Voltage “H” Level
VIH
⎯
0.7 VDD
⎯
VDD
Input Voltage “L” Level
VIL
⎯
GND
⎯
0.3 VDD
V
Output Leakage Current
Ileak
VOUT = 17 V
⎯
⎯
± 0.1
uA
VOL
IOL = 2 mA
⎯
⎯
Output Voltage ( DOUT)
VOH
IOH = -2 mA
⎯
⎯
V
Output Current
(Channel-Channel)
IOL1
VOUT = 1.0V
REXT = 3.9k
Ω
⎯
± 1
± 3
%
Output Current
(Chip-Chip)
IOL3
VOUT = 1.0V
REXT = 3.9k
Ω
⎯
⎯
± 6
%
Output Voltage
Regulation
% / Vout
REXT = 3.9k
Ω
Vout = 1.0~3.0V
⎯
± 0.1
± 0.5
% / V
⎯
13
⎯
VDD=5.0V, REXT = 3.9k
Ω
, REXT = 1.4k
Ω
⎯
34
⎯
⎯
12
⎯
IDD, analog
VDD=3.3V, REXT = 3.9k
Ω
, REXT = 1.4k
Ω
⎯
33
⎯
VDD=5.0V
⎯
2.4
⎯
Supply Current
1
IDD, digital
Cload=2pF,
DCK=GCK=10MHz
VDD=3.3V
⎯
1.8
⎯
mA
Switching Characteristics (VDD = 5.0V, Ta = 25°C)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
DOUT Rise time
tr
⎯
5
10
ns
DOUT Fall time
tf
VIH=VDD
VIL=GND
REXT=3.9k
Ω
CL=13pF
⎯
5
10
ns
IOUT Rise time
tr
⎯
8
30
ns
IOUT Fall time
tf
VIH=VDD, VIL=GND
REXT=3.9k
Ω
VLED=5.0V
RL=100
Ω, CL=33pF
10% to 80%
⎯
8
30
ns
DOUT
Tplh0
After DCK rising edge
⎯
28
⎯
ns
DOUT
Tphl0
After DCK rising edge
⎯
28
⎯
ns
DCKO
Tplh1
After DCK falling edge
⎯
14
⎯
ns
DCKO
Tphl1
After DCK rising edge
⎯
17
⎯
ns
LTHO
Tplh2
After LTH falling edge
⎯
14
⎯
ns
LTHO
Tphl2
After LTH rising edge
⎯
17
⎯
ns
GCKO
Tplh3
After GCK falling edge
⎯
16
⎯
ns
GCKO
Tphl3
After GCK rising edge
⎯
16
⎯
ns
IOUT0 (turn on)
Tplh4
After GCK rising edge
⎯
30
⎯
ns
IOUT0 (turn off)
Tphl4
After GCK rising edge
⎯
31
⎯
ns
IOUT0 (turn on)
Tplh5
After EN_B falling edge
⎯
27
⎯
ns
IOUT0 (turn off)
Tphl5
After EN_B rising edge
⎯
25
⎯
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com