Electronic Components Datasheet Search
  English  ▼

X  

DM164 Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

Part # DM164
Description  8x3-CHANNEL CONSTANT CURRENT LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM164 Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

Back Button DM164 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 10Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM164
8x3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.002
Page 5
GCKO
Clock output.
GCKO
= GCK
41
EN_B
Blank all outputs.
When EN_B = H, all outputs are forced OFF.
When EN_B = L, all outputs are controlled by
grayscale PWM control.
13
MSEL
When MSEL = H, the device is operated in
Dot Correction Data & Global Brightness Control Data
Input Mode (D&G mode).
When MSEL = L, the device is operated in
Grayscale PWM Data Input Mode (GD mode).
40
ALARM
Output open drain terminal for an alarm function.
when EN_B = L, It will go low as LED open
when EN_B = H, It will go low as chip overheated.
24
IWAVE
When IWAVE = H, traditional Iout waveform.
When IWAVE = L, average separate Iout waveform.
17
ONEST
When ONEST = H, one-shot function is enabled.
When ONEST = L, one-shot function is disabled.
20
Maximum Ratings (Ta=25°C, Tj(max) = 150°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VDD
-0.3 ~ 7.0
V
Input Voltage
VIN
-0.3 ~ VDD+0.3
V
Output Current
IOUT
90
mA
Output Voltage
VOUT
-0.3 ~ 17
V
DCK Frequency
FDCK
Cascade Vdd=5V
35
Vdd=3.3V
30
MHz
GCK Frequency
FGCK
Cascade Vdd=5V
40
Vdd=3.3V
36
MHz
GND Terminal Current
IGND
2200
mA
Power Dissipation
PD
4.00 ( QFN48); 2.16 (LQFP48)
(Ta=25
°C)
W
Thermal Resistance
Rth(j-a)
31.22 ( QFN48 ); 57.86 (LQFP48)
℃/W
Operating Temperature
Top
-40 ~ 85
℃
Storage Temperature
Tstg
-55 ~ 150
℃
Recommended Operating Condition
DC Characteristics (Ta = 25
°C)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VDD
⎯
3
⎯
5.5
V
Output Voltage
VOUT
⎯
⎯
⎯
17
V
IO
OUTn
⎯
⎯
90
IOH
SERIAL-OUT
⎯
⎯
⎯
Output Current
IOL
SERIAL-OUT
⎯
⎯
⎯
mA
VIH
⎯
0.7 VDD
⎯
VDD+0.2
Input Voltage
VIL
⎯
-0.2
⎯
0.3 VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com