Electronic Components Datasheet Search
  English  ▼

X  

DM164 Datasheet(PDF) 27 Page - Silicon Touch Technology Inc.

Part # DM164
Description  8x3-CHANNEL CONSTANT CURRENT LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM164 Datasheet(HTML) 27 Page - Silicon Touch Technology Inc.

Back Button DM164 Datasheet HTML 22Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 23Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 24Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 25Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 26Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 27Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 28Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 29Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 30Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM164
8x3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.002
Page 26
Power Dissipation
The power dissipation of a semiconductor chip is limited to its package and ambient
temperature, in which the device requires the maximum output current calculated for given
operating conditions. The maximum allowable power consumption can be calculated by
the following equation:
Pd(max)(Watt) =
Tj(junction temperature)(max)(°C)– Ta(ambient temperature)(°C)
Rth(junction-to-air thermal resistance)(°C/Watt)
The relationship between power dissipation and operating temperature can be refer to the
figure below:
0
2040
6080
100
0.0
1.0
2.0
3.0
4.0
120
140
QFN48
LQFP48
Ambient Temperature Ta (
oC )
Tj(max)=150
oC
Rja(QFN48)=31.22
oC/W
Rja(LQFP48)=57.86
oC/W
Based on the Pd(max), the maximum allowable voltage of output terminal can be
determined by the following equation:
Vout0 x Iout0 x Duty0 + . . . + Vout23 x Iout23 x Duty23 < Pd(max) – VDD x IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com