Electronic Components Datasheet Search
  English  ▼

X  

DM164 Datasheet(PDF) 17 Page - Silicon Touch Technology Inc.

Part # DM164
Description  8x3-CHANNEL CONSTANT CURRENT LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM164 Datasheet(HTML) 17 Page - Silicon Touch Technology Inc.

Back Button DM164 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 17Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 18Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 19Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 20Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 21Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM164
8x3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.002
Page 16
One-Shot Option
The DM164 provides an option that users can make the output turn on for just a PWM
cycle time, i.e. in the GD mode, after a LTH signal, the output only turn on for 65536 TGCK
time. After 65536 TGCK, the output will automatically turn off. This is called One-Shot
function. Figure 9 shows the difference between One-Shot or not. When ONEST = H,
one-shot function is enabled. The output will just turn on at 1st PWM cycle. When ONEST =
L, one-shot function is disabled. The output will repeat at every PWM cycle.
DCKPH
MSEL
DIN
GD[383]
DCK
LTH
1
GD mode
384
GCK
Internal
counter
65535
0
1
65535
0
1
65535
0
IOUT0
(ONEST=H)
IOUT0
(ONEST=L)
1st PWM cycle
2nd PWM cycle
GND
GND
1
65535
3rd PWM cycle
GD[0]
Figure 9. One-Shot Operation
Grayscale PWM Operation
When DCKPH=L, the grayscale PWM cycle starts with the falling edge of LTH (see Figure
10). A LTH = H signal will set the 16-bit PWM counter value to FFFFh. The first GCK pulse
after LTH increases the PWM counter by one and switches on all IOUT with grayscales
value not zero. Each following rising edge of GCK increases the PWM counter by one. The
DM164 compare the grayscale PWM value of each output IOUT with grayscale counter
value. If the grayscale PWM value is larger than grayscale counter value, the IOUT will
switch on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com