Electronic Components Datasheet Search
  English  ▼

X  

DM164 Datasheet(PDF) 14 Page - Silicon Touch Technology Inc.

Part # DM164
Description  8x3-CHANNEL CONSTANT CURRENT LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM164 Datasheet(HTML) 14 Page - Silicon Touch Technology Inc.

Back Button DM164 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 17Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 18Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM164
8x3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.002
Page 13
Open Detection
If there is any one of the 24 LEDs open or disconnected, the DM164 can detect and report
the error. The open detection circuit works when the following two conditions are met
simultaneously:
1. IOUTn is on (IOUTn > 200ns and EN_B=”L”).
2. When the output voltage at IOUTn is less than 0.2 V
The open error signal (OPE) has two methods to communicate the error signals to the
system. One is through serial output data to indicate which channel has failure (OPEn=H
=> IOUTn is open). The other is by means of dedicated Alarm pin when EN_B=L.
Status Information Output
When the DM164 operates at GD mode, after the LTH signal latches the input data from
shift registers to the data latches, the shift registers data will be replaced by the status
information. The status information includes the thermal error signals (Shutdown, T130
and T170,), open error signals (OPE) and dot correction data (DC), which will be
transferred out from DOUT pin. Figure 6 shows the status information format.
(a. IOUT shut down => Shut down=L, b. Tj>130℃ => T130=H, c. Tj>170℃ => T170=H)
‧
‧
‧
‧
‧
‧
‧
‧
‧
383
MSB
377
OPE
23
376
DC IOUT23
8-bit
Shut
down
T130
T170
375
374
373
X
368
8-bit
16-bit
OPE
22
367
361
360
DC IOUT22
8-bit
X
X
359
352
Reserved
16-bit
OPE
21
351
345
344
DC IOUT21
8-bit
X
X
343
336
Reserved
16-bit
OPE
19
319
313
312
DC IOUT19
8-bit
X
X
311
304
Reserved
16-bit
OPE
18
303
297
296
DC IOUT18
8-bit
X
X
295
288
Reserved
16-bit
OPE
20
335
329
328
DC IOUT20
8-bit
X
X
327
320
Reserved
16-bit
OPE
01
31
25
24
DC IOUT01
8-bit
X
X
23
16
Reserved
16-bit
OPE
00
15
9
8
DC IOUT00
8-bit
X
X
70
Reserved
16-bit
OPE
02
47
41
40
DC IOUT02
8-bit
X
X
39
32
Reserved
16-bit
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
DC[6]
23
DC[0]
23
DC[6]
22
DC[0]
22
DC[6]
21
DC[0]
21
DC[6]
18
DC[0]
18
DC[6]
19
DC[0]
19
DC[6]
20
DC[0]
20
DC[6]
00
DC[0]
00
DC[6]
01
DC[0]
01
DC[6]
02
DC[0]
02
Figure 6. Status Information Data Format (ER[383:0])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com