Electronic Components Datasheet Search
  English  ▼

X  

DM164 Datasheet(PDF) 18 Page - Silicon Touch Technology Inc.

Part # DM164
Description  8x3-CHANNEL CONSTANT CURRENT LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM164 Datasheet(HTML) 18 Page - Silicon Touch Technology Inc.

Back Button DM164 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 17Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 18Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 19Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 20Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 21Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 22Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM164
8x3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.002
Page 17
1st GD Mode
Data Input Cycle
MSEL
LTH
D&G Mode Data
Input Cycle
GCK
2nd GD Mode
Data Input Cycle
0
0
FF
FFh
?
16-bit
COUNTER
IOUT0
(ONEST=L)
FFFFh
0
FF
FFh
0
0
FF
FFh
FF
FFh
DCK
65536 GCK cycle
65536 GCK cycle
1 GCK cycle
1 GCK cycle
?
1
384
1
IOUT0
(ONEST=H)
. . .
< 65536 GCK cycle
Figure 10. Grayscale PWM Operation
Maximum Output Current
The maximum output current is set by an external resistor. The resistor is connected
between Rext and GND. Varying the resistor value can adjust the current scale ranging
from 5mA to 90mA. The reference voltage of REXT terminal (Vrext) is approximately
1.23V. The maximum output current (Imax) value can be calculated roughly by the following
equation:
rext
max
rext
V(V)
I
64
R(Ω)
≅
×
where:
Vrext = 1.23V
Rrext = external resistor.
Global Brightness Control
The global brightness control function can adjust the global current of each color
independently. The output current (Iglobal) can be adjusted in 256 steps from
((1/256)*100)% to 100% of the maximum output current. The following equation can
calculate the global brightness control current (Iglobal)
global
max
GB+1
I
I
256
≅×
where:
Imax = the maximum output current.
GB = the global brightness control value for different colors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com