Electronic Components Datasheet Search
  English  ▼

X  

DM164 Datasheet(PDF) 24 Page - Silicon Touch Technology Inc.

Part # DM164
Description  8x3-CHANNEL CONSTANT CURRENT LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM164 Datasheet(HTML) 24 Page - Silicon Touch Technology Inc.

Back Button DM164 Datasheet HTML 20Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 21Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 22Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 23Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 24Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 25Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 26Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 27Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 28Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM164
8x3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.002
Page 23
c.3 IWAVE=”L” and Less than 11-bit PWM application
When the DM164 operates at n-bit PWM grayscale application and IWAVE is set to ”L”
(where n is less than 11). Users must add k-bit dummy data into the 16-bit GD mode data
of each channel (where k = 16-n). The 16-bit GD mode data format of each channel is
showed below:
Data
[n-1]
PWM
MSB
‧‧‧
0
0
‧‧‧
Data
[1]
Data
[0]
Data
[n-2]
PWM
MSB-1
PWM
LSB
PWM
LSB+1
n-bit
5-bit
16-bit
n-bit PWM Data
5 bits Dummy Data
‧‧‧
0
0
(k-5)-bit
(k-5) bits Dummy Data
The 5 bits LSB and (k-5) bits MSB of 16-bit GD mode data of each channel must be filled
with all “0” ( k=16-n & k > 5).
For example:
When the DM164 operates at 10-bit PWM grayscale application and IWAVE=”L”, the 5-bit
LSB and 1-bit MSB of the 16-bit GD mode data must be filled with “0”. The 16-bit data
format is showed below:
Data
[9]
PWM
MSB
‧‧‧
Data
[1]
Data
[0]
Data
[8]
PWM
MSB-1
PWM
LSB
PWM
LSB+1
10-bit
16-bit
10-bit PWM Data
‧‧‧
0
0
5-bit
5 bits Dummy Data
0
1 bit
1-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com