Electronic Components Datasheet Search
  English  ▼

X  

MAX17021 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX17021
Description  Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17021 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX17021 Datasheet HTML 7Page - Maxim Integrated Products MAX17021 Datasheet HTML 8Page - Maxim Integrated Products MAX17021 Datasheet HTML 9Page - Maxim Integrated Products MAX17021 Datasheet HTML 10Page - Maxim Integrated Products MAX17021 Datasheet HTML 11Page - Maxim Integrated Products MAX17021 Datasheet HTML 12Page - Maxim Integrated Products MAX17021 Datasheet HTML 13Page - Maxim Integrated Products MAX17021 Datasheet HTML 14Page - Maxim Integrated Products MAX17021 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Dual-Phase, Quick-PWM Controllers for
IMVP-6+/IMVP-6.5 CPU Core Power Supplies
______________________________________________________________________________________
11
OUTPUT VOLTAGE vs. LOAD CURRENT
(VOUT(HFM) = 1.075V)
LOAD CURRENT (A)
40
30
20
10
1.00
1.05
1.10
1.15
0.95
050
EFFICIENCY vs. LOAD CURRENT
(VOUT(HFM) = 1.075V)
LOAD CURRENT (A)
10.0
1.0
90
80
70
60
100
50
0.1
100.0
7V
12V
20V
OUTPUT VOLTAGE vs. LOAD CURRENT
(VOUT(LFM) = 0.875V)
LOAD CURRENT (A)
10
15
5
0.89
0.88
0.87
0.85
0.84
0.86
0.90
0.83
020
PWM MODE
SKIP MODE
EFFICIENCY vs. LOAD CURRENT
(VOUT(LFM) = 0.875V)
LOAD CURRENT (A)
10.0
1.0
80
70
60
90
50
0.1
100.0
7V
12V
20V
SKIP MODE
PWM MODE
OUTPUT VOLTAGE vs. LOAD CURRENT
(VOUT(C4) = 0.4V)
LOAD CURRENT (A)
4
3
2
1
0.40
0.41
0.39
05
EFFICIENCY vs. LOAD CURRENT
(VOUT(C4) = 0.4V)
LOAD CURRENT (A)
1.00
0.10
80
70
60
50
40
90
30
0.01
10.00
7V
12V
20V
DPRSLPVR = VCC
SWITCHING FREQUENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
30
40
10
20
350
300
250
200
150
100
50
400
0
050
VOUT(LFM) = 0.875V
VOUT(HFM) = 1.075V
DPRSLPVR = VCC
DPRSLPVR = GND
NO-LOAD SUPPLY CURRENT vs. INPUT VOLTAGE
(VOUT(HFM) = 1.075V)
INPUT VOLTAGE (V)
15
21
18
912
75
50
25
100
0
624
IIN
ICC + IDD
DPRSLPVR = GND
NO-LOAD SUPPLY CURRENT vs. INPUT VOLTAGE
AT SKIP MODE (VOUT(HFM) = 1.075V)
INPUT VOLTAGE AT SKIP MODE (V)
15
21
18
912
1.0
0.1
10.0
0
624
IIN
ICC + IDD
DPRSLPVR = VCC
Typical Operating Characteristics
(Circuit of Figure 1. VIN = 12V, VCC = VDD = 5V, SHDN = VCC, D0–D6 set for 1.075V, TA = +25°C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com