Electronic Components Datasheet Search
  English  ▼

X  

MAX17021 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17021
Description  Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17021 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17021 Datasheet HTML 1Page - Maxim Integrated Products MAX17021 Datasheet HTML 2Page - Maxim Integrated Products MAX17021 Datasheet HTML 3Page - Maxim Integrated Products MAX17021 Datasheet HTML 4Page - Maxim Integrated Products MAX17021 Datasheet HTML 5Page - Maxim Integrated Products MAX17021 Datasheet HTML 6Page - Maxim Integrated Products MAX17021 Datasheet HTML 7Page - Maxim Integrated Products MAX17021 Datasheet HTML 8Page - Maxim Integrated Products MAX17021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Dual-Phase, Quick-PWM Controllers for
IMVP-6+/IMVP-6.5 CPU Core Power Supplies
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = 10V, VCC = VDD = VSHDN = VPGDIN = VPSI = VILIM = 5V, V3P3 = 3.3V, DPRSLPVR = GNDS = GND, VCSP1
= VCSN1 = VCSP2 = VCSN1 = 1.0000V, FB = FBAC, RFBAC = 3.57kΩ from FBAC to CSN1, D6–D0 = [0101000]; MAX17082/MAX17482:
VSLOW = 5V; MAX17021: DPRSTP = GND; TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent Supply Current
(V3P3)
I3P3
Measured at V3P3, FB forced within the
CLKEN
power-good window
2
4
μA
Shutdown Supply Current
(VCC)
ICC,SDN
Measured at VCC,
SHDN = GND, TA = +25°C
0.01
1
μA
Shutdown Supply Current
(VDD)
IDD,SDN
Measured at VDD,
SHDN = GND, TA = +25°C
0.01
1
μA
Shutdown Supply Current
(V3P3)
I3P3,SDN
Measured at V3P3,
SHDN = GND, TA = +25°C
0.01
1
μA
FAULT PROTECTION
Skip mode after output reaches the regulation
voltage or PWM mode; measured at FB with
respect to the voltage target set by the VID code;
see Table 4.
250
300
350
mV
IMVP-6.5
(MAX17082)
1.45
1.50
1.55
Soft-start, soft-shutdown, skip
mode, and output have not
reached the regulation
voltage; measured at FB
IMVP-6+
(MAX17021)
1.75
1.80
1.85
Output Overvoltage-
Protection Threshold
(MAX17021/MAX17082 Only)
VOVP
Minimum OVP threshold; measured at FB
0.8
V
Output Overvoltage-
Propagation Delay
(MAX17021/MAX17082 Only)
tOVP
FB forced 25mV above trip threshold
10
μs
Output Undervoltage-
Protection Threshold
VUVP
Measured at FB with respect to the voltage target
set by the VID code; see Table 4
-450
-400
-350
mV
Output Undervoltage-
Propagation Delay
tUVP
FB forced 25mV below trip threshold
10
μs
CLKEN Startup Delay and
Boot Time Period
tBOOT
Measured from the time when FB reaches the
boot target voltage (Note 2)
20
60
100
μs
PWRGD Startup Delay
Measured at startup from the time when
CLKEN
goes low
3
6.5
10
ms
Lower threshold,
falling edge
(undervoltage)
-350
-300
-250
CLKEN and PWRGD
Threshold
Measured at FB with respect
to the voltage target set by
the VID code; see Table 4,
20mV hysteresis (typ)
Upper threshold,
rising edge
(overvoltage)
+150
+200
+250
mV
CLKEN and PWRGD Delay
FB forced 25mV outside the PWRGD trip
thresholds
10
μs
PHASEGD Delay
V(CCI,FB) forced 25mV outside trip thresholds
10
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com