Electronic Components Datasheet Search
  English  ▼

X  

MAX17021 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX17021
Description  Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17021 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX17021 Datasheet HTML 10Page - Maxim Integrated Products MAX17021 Datasheet HTML 11Page - Maxim Integrated Products MAX17021 Datasheet HTML 12Page - Maxim Integrated Products MAX17021 Datasheet HTML 13Page - Maxim Integrated Products MAX17021 Datasheet HTML 14Page - Maxim Integrated Products MAX17021 Datasheet HTML 15Page - Maxim Integrated Products MAX17021 Datasheet HTML 16Page - Maxim Integrated Products MAX17021 Datasheet HTML 17Page - Maxim Integrated Products MAX17021 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Dual-Phase, Quick-PWM Controllers for
IMVP-6+/IMVP-6.5 CPU Core Power Supplies
14
______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
PGDIN
System Power-Good Logic Input. PGDIN indicates the power status of other system rails and is used for
power-supply sequencing. After power-up to the boot voltage, the output voltage remains at VBOOT,
CLKEN
remains high, and PWRGD remains low as long as the PGDIN stays low. When PGDIN is pulled high, the
output transitions to selected VID voltage, and
CLKEN is pulled low. If the system pulls PGDIN low during
normal operation, the MAX17021/MAX17082/MAX17482 immediately drive
CLKEN high, pull PWRGD low,
and slew the output to the boot voltage (using two-phase pulse-skipping mode). The controller remains at
the boot voltage until PGDIN goes high again,
SHDN is toggled, or the VCC input power supply is cycled.
2
THRM
Input of Internal Comparator. Connect the output of a resistor- and thermistor-divider (between VCC and
GND) to THRM. Select the components such that the voltage at THRM falls below 1.5V (30% of VCC) at
the desired high temperature.
3
IMON
(MAX17082/
MAX17482
only)
Current-Monitor Output. The MAX17082/MAX17482 IMON output source a current that is directly
proportional to the current-sense voltage as defined by:
IIMON = Gm(IMON) x (VCSP_ - VCSN_)
where Gm(IMON) = 2.4mS (typ).
The IMON current is unidirectional (sources current out of IMON only) for positive current-sense values.
For negative current-sense voltages, the IMON current is zero.
Connect an external resistor between IMON and VSS_SENSE to create the desired IMON gain based on
the following equation:
RIMON = 0.999V/(IMAX x RSENSE x Gm(IMON))
where IMAX is defined in the Current Monitor section of the Intel IMVP-6.5 specification and based on
discrete increments (20A, 30A, 40A, etc.), RSENSE is the typical effective value of the current-sense
element (sense resistor or inductor DCR) that is used to provide the current-sense voltage, and
Gm(IMON) is the typical transconductance amplifier gain as defined in the Electrical Characteristics
table.
The IMON voltage is internally clamped to a maximum of 1.1V (typ).
The transconductance amplifier and voltage clamp are internally compensated, so IMON cannot directly
drive large capacitance values. To filter the IMON signal, use an RC filter as shown in Figure 2.
IMON is pulled to ground when MAX17082/MAX17482 are in shutdown.
Typical Operating Characteristics (continued)
(Circuit of Figure 1. VIN = 12V, VCC = VDD = 5V, SHDN = VCC, D0–D6 set for 1.075V, TA = +25°C, unless otherwise specified.)
MAX17021 toc23
100
μs/div
A. VOUT, 500mV/div
B. DL_, 5V/div
C. PWRGD, 5V/div
5V
0.875V
5V
0
0
0
A
B
C
OUTPUT OVERVOLTAGE WAVEFORM
MAX17021 toc24
40
μs/div
A. 5V BIAS SUPPLY, 5V/div
B. VOUT, 500mV/div
C. PWRGD, 5V/div
D. DL_, 5V/div
E. ILX1, 10A/div
IOUT = 10A
5V
5V
0.875V
5V
10A
0
0
0
0
A
B
C
D
E
BIAS SUPPLY REMOVAL
(UVLO RESPONSE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com