Electronic Components Datasheet Search
  English  ▼

X  

MAX17021 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX17021
Description  Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17021 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX17021 Datasheet HTML 35Page - Maxim Integrated Products MAX17021 Datasheet HTML 36Page - Maxim Integrated Products MAX17021 Datasheet HTML 37Page - Maxim Integrated Products MAX17021 Datasheet HTML 38Page - Maxim Integrated Products MAX17021 Datasheet HTML 39Page - Maxim Integrated Products MAX17021 Datasheet HTML 40Page - Maxim Integrated Products MAX17021 Datasheet HTML 41Page - Maxim Integrated Products MAX17021 Datasheet HTML 42Page - Maxim Integrated Products MAX17021 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Shutdown
When
SHDN goes low, the MAX17021/MAX17082/
MAX17482 enter low-power shutdown mode. PWRGD
is pulled low immediately, and the output voltage ramps
down at 1/8 the slew rate set by RTIME:
where dVTARGET/dt = 12.5mV/μs x 71.5kΩ/RTIME is the
slew rate. Slowly discharging the output capacitors by
slewing the output over a long period of time keeps the
average negative inductor current low (damped
response), thereby eliminating the negative output-volt-
age excursion that occurs when the controller dis-
charges the output quickly by permanently turning on
the low-side MOSFET (underdamped response). This
eliminates the need for the Schottky diode normally
connected between the output and ground to clamp
the negative output-voltage excursion. After the con-
troller reaches the zero target, the MAX17021/
MAX17082/MAX17482 shut down completely—the dri-
vers are disabled (DL1 and DL2 driven low) and the
supply current drops below 1μA.
When a fault condition—output UVLO or thermal shut-
down—activates the shutdown sequence, the protection
circuitry sets the fault latch to prevent the controller from
restarting. To clear the fault latch and reactivate the con-
troller, toggle
SHDN or cycle VCC power below 0.5V.
Current Monitor (IMON)
(MAX17021/MAX17482 Only)
The MAX17082/MAX17482 includes a unidirectional
transconductance amplifier that sources current pro-
portional to the positive current-sense voltage. The
IMON output current is defined by:
IIMON = Gm(IMON) x
Σ(VCSP_ - VCSN_)
where Gm(IMON) = 2.4mS (typ) and the IMON current is
unidirectional (sources current out of IMON only) for
positive current-sense values. For negative current-
sense voltages, the IMON current is zero.
The current monitor allows the processor to accurately
monitor the CPU load and quickly calculate the power
dissipation to determine if the system is about to over-
heat before the significantly slower temperature sensor
signals an over-temperature alert.
Connect an external resistor between IMON and
VSS_SENSE to create the desired IMON gain based on
the following equation:
RIMON = 0.999V/(IMAX x RSENSE x Gm(IMON))
where IMAX is defined in the
Current Monitor section of
the Intel IMVP-6.5 specification and based on discrete
increments (10A, 20A, 30A, 40A, etc.), RSENSE is the
typical effective value of the current-sense element
(sense resistor or inductor DCR) that is used to provide
the current-sense voltage, and Gm(IMON) is the typical
transconductance amplifier gain as defined in the
Electrical Characteristics table.
The IMON voltage is internally clamped to a maximum
of 1.1V (typ), preventing the IMON output from exceed-
ing the IMON voltage rating even under overload or
short-circuit conditions. When the controller is disabled,
IMON is pulled to ground.
To filter the IMON signal, use an RC filter as shown in
Figure 2. The filter time constant is (R7 + R8) x C15.
Phase Fault (PHASEGD)
The MAX17021/MAX17082/MAX17482 include a phase-
fault output that signals the system that one of the two
phases either has a fault condition or is not matched with
the other. Detection is done by identifying the need for a
large on-time difference between phases in order to
achieve or move towards current balance.
PHASEGD is high impedance when the controller oper-
ates in one-phase mode (DPRSLPVR high or
PSI low
and DPRSLPVR low). On exit to two-phase mode,
PHASEGD is forced high impedance for 32 switching
cycles on DH2.
PHASEGD is low in shutdown. PHASEGD is forced high
impedance whenever the slew-rate controller is active
(output-voltage transitions).
Temperature Comparator (VRHOT)
The MAX17021/MAX17082/MAX17482 also feature an
independent comparator with an accurate threshold
(VHOT) that tracks the analog supply voltage (VHOT =
0.3VCC). This makes the thermal trip threshold indepen-
dent of the VCC supply voltage tolerance. Use a resis-
tor- and thermistor-divider between VCC and GND to
generate a voltage-regulator over-temperature monitor.
Place the thermistor as close to the MOSFETs and
inductors as possible.
Fault Protection (Latched)
Output Overvoltage Protection
(MAX17021/MAX17082 Only)
The overvoltage-protection (OVP) circuit is designed to
protect the CPU against a shorted high-side MOSFET
by drawing high current and blowing the battery fuse.
The MAX17021/MAX17082 continuously monitor the
output for an overvoltage fault. The controller detects
an OVP fault if the output voltage exceeds the set VID
DAC voltage by more than 300mV, regardless of the
operating state. During downward transitions in
t
V
dV
dt
TRAN SHDN
OUT
TARGET
() =
()
8
Dual-Phase, Quick-PWM Controllers for
IMVP-6+/IMVP-6.5 CPU Core Power Supplies
______________________________________________________________________________________
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com