Electronic Components Datasheet Search
  English  ▼

X  

MAX17021 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17021
Description  Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17021 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17021 Datasheet HTML 1Page - Maxim Integrated Products MAX17021 Datasheet HTML 2Page - Maxim Integrated Products MAX17021 Datasheet HTML 3Page - Maxim Integrated Products MAX17021 Datasheet HTML 4Page - Maxim Integrated Products MAX17021 Datasheet HTML 5Page - Maxim Integrated Products MAX17021 Datasheet HTML 6Page - Maxim Integrated Products MAX17021 Datasheet HTML 7Page - Maxim Integrated Products MAX17021 Datasheet HTML 8Page - Maxim Integrated Products MAX17021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Dual-Phase, Quick-PWM Controllers for
IMVP-6+/IMVP-6.5 CPU Core Power Supplies
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = 10V, VCC = VDD = VSHDN = VPGDIN = VPSI = VILIM = 5V, V3P3 = 3.3V, DPRSLPVR = GNDS = GND, VCSP1
= VCSN1 = VCSP2 = VCSN1 = 1.0000V, FB = FBAC, RFBAC = 3.57kΩ from FBAC to CSN1, D6–D0 = [0101000]; MAX17082/MAX17482:
VSLOW = 5V; MAX17021: DPRSTP = GND; TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RTIME = 71.5k
(12.5mV/μs nominal)
-10
+10
RTIME = 35.7k
(25mV/μs nominal) to 178k
(5mV/μs nominal)
-15
+15
Soft-start and soft-shutdown:
RTIME = 35.7k
(3.125mV/μs nominal) to 178k
(0.625mV/μs nominal)
-25
+25
Slow:
IMVP-6.5 (MAX17082/MAX17482): VSLOW = 0V,
1/2 of nominal slew rate, RTIME = 71.5k
(6.25mV/μs nominal);
IMVP-6+ (MAX17021): VDPRSTP = VDPRSLPVR = 5V,
1/4 of nominal slew rate, RTIME = 71.5k
(3.125mV/μs nominal)
-15
+15
TIME Slew-Rate Accuracy
Slow:
IMVP-6.5 (MAX17082/MAX17482): VSLOW = 0V,
1/2 of nominal slew rate, RTIME = 35.7k
(12.5mV/μs nominal) to 178k
(2.5mV/μs
nominal);
IMVP-6+ (MAX17021): VDPRSTP = VDPRSLPVR = 5V
1/4 of nominal slew rate, RTIME = 35.7k
(6.25mV/μs nominal) to 178k
(1.25mV/μs
nominal)
-15
+15
%
RTON = 96.75k (600kHz per phase),
167ns nominal
-15
+15
RTON = 200k
(300kHz per phase),
333ns nominal
-10
+10
On-Time
tON
Measured
at DH_
(Note 3)
RTON = 303.25k (200kHz per phase),
500ns nominal
-15
+15
%
Minimum Off-Time
tOFF(MIN)
Measured at DH_ (Note 3)
300
350
ns
TON Shutdown Input
Current
IRTON,SDN
SHDN = GND, VIN = 26V, VCC = VDD = 0V or 5V,
TA = +25°C
0.01
0.1
μA
BIAS CURRENTS
Quiescent Supply Current
(VCC)
ICC
Measured at VCC, VDPRSLPVR = 5V, FB forced
above the regulation point
2.5
5
mA
Quiescent Supply Current
(VDD)
IDD
Measured at VDD, VDPRSLPVR = 0V, FB forced
above the regulation point, TA = +25°C
0.02
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com