Electronic Components Datasheet Search
  English  ▼

X  

MAX17021 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX17021
Description  Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17021 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX17021 Datasheet HTML 9Page - Maxim Integrated Products MAX17021 Datasheet HTML 10Page - Maxim Integrated Products MAX17021 Datasheet HTML 11Page - Maxim Integrated Products MAX17021 Datasheet HTML 12Page - Maxim Integrated Products MAX17021 Datasheet HTML 13Page - Maxim Integrated Products MAX17021 Datasheet HTML 14Page - Maxim Integrated Products MAX17021 Datasheet HTML 15Page - Maxim Integrated Products MAX17021 Datasheet HTML 16Page - Maxim Integrated Products MAX17021 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Dual-Phase, Quick-PWM Controllers for
IMVP-6+/IMVP-6.5 CPU Core Power Supplies
______________________________________________________________________________________
13
MAX17021 toc16
20
μs/div
A. IOUT = 10A TO 50A
B. VOUT, 50mV/div
C. ILX1, 10A/div
D. ILX2, 10A/div
50A
1.075V
10A
1V
25A
5A
5A
A
B
C
D
LOAD TRANSIENT RESPONSE (HFM MODE)
MAX17021 toc17
20
µs/div
A. IOUT = 5A TO 20A
B. VOUT, 50mV/div
C. INDUCTOR CURRENT,
10A/div
20A
0.875V
5A
5A
20A
A
B
C
LOAD-TRANSIENT RESPONSE (LFM MODE)
MAX17021 toc18
20
µs/div
A. VID3, 5V/div
B. VOUT, 50mV/div
C. ILX1, 10A/div
D. ILX2, 10A/div
5V
1.075V
0.975V
0
0
0
A
B
C
D
VID CODE CHANGE (SLOW = GND)
MAX17021 toc19
20
µs/div
A. VID3, 5V/div
B. VOUT, 50mV/div
C. ILX1, 10A/div
D. ILX2, 10A/div
5V
1.075V
0.975V
0
0
0
A
B
C
D
VID CODE CHANGE (SLOW = VDD)
MAX17021 toc20
20
µs/div
A. D0, 5V/div
B. VOUT, 20mV/div
IOUT = 10A
C. ILX1, 10A/div
D. ILX2, 10A/div
5V
1.075V
1.0625V
0
5A
5A
A
B
C
D
DYNAMIC VID CODE CHANGE
(D0 = 12.5mV)
MAX17021 toc21
100
μs/div
A. VOUT, 500mV/div
B. PWRGD, 10V/div
C. DL_, 10V/div
D. ILX1, 15A/div
5V
1.075V
5V
0
0
0
0
30A
A
B
C
D
OUTPUT UNDERVOLTAGE FAULT
VIMON vs. LOAD CURRENT
VCSPN1 + VCSPN2 (mV)
30
40
50
10
20
160
140
120
100
80
60
20
40
180
0
080
60
70
VOUT = 1.075V
DPRSLPVR = VCC
DPRSLPVR = GND
Typical Operating Characteristics (continued)
(Circuit of Figure 1. VIN = 12V, VCC = VDD = 5V, SHDN = VCC, D0–D6 set for 1.075V, TA = +25°C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com