Electronic Components Datasheet Search
  English  ▼

X  

MAX17021 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX17021
Description  Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17021 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX17021 Datasheet HTML 1Page - Maxim Integrated Products MAX17021 Datasheet HTML 2Page - Maxim Integrated Products MAX17021 Datasheet HTML 3Page - Maxim Integrated Products MAX17021 Datasheet HTML 4Page - Maxim Integrated Products MAX17021 Datasheet HTML 5Page - Maxim Integrated Products MAX17021 Datasheet HTML 6Page - Maxim Integrated Products MAX17021 Datasheet HTML 7Page - Maxim Integrated Products MAX17021 Datasheet HTML 8Page - Maxim Integrated Products MAX17021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Dual-Phase, Quick-PWM Controllers for
IMVP-6+/IMVP-6.5 CPU Core Power Supplies
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = 10V, VCC = VDD = VSHDN = VPGDIN = VPSI = VILIM = 5V, V3P3 = 3.3V, DPRSLPVR = GNDS = GND, VCSP1
= VCSN1 = VCSP2 = VCSN1 = 1.0000V, FB = FBAC, RFBAC = 3.57kΩ from FBAC to CSN1, D6–D0 = [0101000]; MAX17082/MAX17482:
VSLOW = 5V; MAX17021: DPRSTP = GND; TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CLKEN, PWRGD, and
PHASEGD Transition
Blanking Time
(VID Transitions)
tBLANK
Measured from the time when FB reaches the
target voltage (Note 2)
20
μs
PHASEGD Transition
Blanking Time (Phase 2
Enable Transitions)
Number of DH2 pulses for which PHASEGD is
blanked after phase 2 is enabled
32
Pulses
CLKEN Output Low Voltage
Low state, ISINK = 3mA
0.4
V
CLKEN Output High
Voltage
High state, ISOURCE = 3mA
V3P3 -
0.4
V
PWRGD, PHASEGD Output
Low Voltage
Low state, ISINK = 3mA
0.4
V
PWRGD, PHASEGD
Leakage Current
High-impedance state, PWRGD, PHASEGD forced
to 5V, TA = +25°C
1
μA
CSN1 Pulldown Resistance
in Shutdown
SHDN = 0, measured after soft-shutdown
completed (DL_ = low)
10
VCC Undervoltage Lockout
(UVLO) Threshold
VUVLO(VCC)
Rising edge, 65mV typical hysteresis,
controller disabled below this level
4.05
4.27
4.48
V
THERMAL PROTECTION
VRHOT Trip Threshold
Measured at THRM as a percentage of VCC,
falling edge, typical hysteresis = 75mV
29
30
31
%
VRHOT Delay
tVRHOT
THRM forced 25mV below the
VRHOT trip
threshold, falling edge
10
μs
VRHOT Output
On-Resistance
RON(VRHOT) Low state
2
10
VRHOT Leakage Current
High-impedance state,
VRHOT forced to 5V,
TA = +25°C
1
μA
THRM Input Leakage
ITHRM
VTHRM = 0 to 5V, TA = +25°C
-0.1
+0.1
μA
Thermal-Shutdown Threshold
TSHDN
Typical hysteresis = 15°C
160
°C
VALLEY CURRENT LIMIT, DROOP, AND CURRENT BALANCE
VTIME - VILIM = 100mV
7
10
13
VTIME - VILIM = 500mV
45
50
55
Current-Limit Threshold
Voltage (Positive)
VLIMIT
VCSP_ - VCSN_
ILIM = VCC
20
22.5
25
mV
Current-Limit Threshold
Voltage (Negative)
Accuracy
VLIMIT(NEG) VCSP_ - VCSN_, nominally -125% of VLIMIT
-4
+4
mV
Current-Limit Threshold
Voltage (Zero Crossing)
VZERO
VGND - VLX_, DPRSLPVR = 5V
1
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com