Electronic Components Datasheet Search
  English  ▼

X  

MAX17021 Datasheet(PDF) 38 Page - Maxim Integrated Products

Part # MAX17021
Description  Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17021 Datasheet(HTML) 38 Page - Maxim Integrated Products

Back Button MAX17021 Datasheet HTML 34Page - Maxim Integrated Products MAX17021 Datasheet HTML 35Page - Maxim Integrated Products MAX17021 Datasheet HTML 36Page - Maxim Integrated Products MAX17021 Datasheet HTML 37Page - Maxim Integrated Products MAX17021 Datasheet HTML 38Page - Maxim Integrated Products MAX17021 Datasheet HTML 39Page - Maxim Integrated Products MAX17021 Datasheet HTML 40Page - Maxim Integrated Products MAX17021 Datasheet HTML 41Page - Maxim Integrated Products MAX17021 Datasheet HTML 42Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Power-Up Sequence (POR, UVLO)
The MAX17021/MAX17082/MAX17482 are enabled
when
SHDN is driven high (Figure 10). The internal ref-
erence powers up first. Once the reference exceeds its
UVLO threshold, the internal analog blocks are turned
on and masked by a 50μs one-shot delay. The PWM
controller is then enabled.
Power-on reset (POR) occurs when VCC rises above
approximately 2V, resetting the fault latch and prepar-
ing the controller for operation. The VCC UVLO circuitry
inhibits switching until VCC rises above 4.25V. The con-
troller powers up the reference once the system
enables the controller, VCC is above 4.25V, and SHDN
is driven high. With the reference in regulation, the con-
troller ramps the output voltage to the boot voltage
(1.2V for MAX17021 IMVP-6+ and 1.1V for MAX17082/
MAX17482 IMVP-6.5) at 1/8 the slew rate set by RTIME:
where dVTARGET/dt = 12.5mV/μs x 71.5kΩ/RTIME is the
slew rate. The soft-start circuitry does not use a variable
current limit, so full output current is available immediate-
ly.
CLKEN is pulled low approximately 60μs after the
MAX17021/MAX17082/MAX17482 reach the boot voltage
if PGDIN is high. At the same time, the MAX17021/
MAX17082/MAX17482 slew the output to the voltage set
at the VID inputs at the programmed slew rate. PWRGD
and PHASEGD become high impedance approximately
5ms after
CLKEN is pulled low. The MAX17021/
MAX17082/MAX17482 automatically use forced-PWM
operation during soft-start and soft-shutdown, regardless
of the DPRSLPVR and
PSI configuration.
For automatic startup, the battery voltage should be
present before VCC. If the controller attempts to bring
the output into regulation without the battery voltage
present, the fault latch trips. The controller remains shut
down until the fault latch is cleared by toggling
SHDN
or cycling the VCC power supply below 0.5V.
If the VCC voltage drops below 4.25V, the controller
assumes that there is not enough supply voltage to
make valid decisions. To protect the output from over-
voltage faults, the controller shuts down immediately
and forces a high-impedance output.
t
V
dV
dt
TRAN START
BOOT
TARGET
() =
()
8
Dual-Phase, Quick-PWM Controllers for
IMVP-6+/IMVP-6.5 CPU Core Power Supplies
38
______________________________________________________________________________________
FORCED PWM
tBLANK
20
μs TYP
tBLANK
60
μs TYP
tBLANK
5ms TYP
tBLANK
60
μs TYP
VID (D0–D6)
VCORE
VBOOT
PWRGD
INTERNAL
PWM CONTROL
PHASEGD
VCC
SOFT-START =
1/8 SLEW RATE SET
BY RTIME
SHDN
INVALID
CODE
INVALID
CODE
SKIP
FORCEDPWM
CLKEN
SOFT-SHUTDOWN =
1/8 SLEW RATE SET
BY RTIME
Figure 10. Power-Up and Shutdown Sequence Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com