Electronic Components Datasheet Search
  English  ▼

X  

MAX17021 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX17021
Description  Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17021 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX17021 Datasheet HTML 17Page - Maxim Integrated Products MAX17021 Datasheet HTML 18Page - Maxim Integrated Products MAX17021 Datasheet HTML 19Page - Maxim Integrated Products MAX17021 Datasheet HTML 20Page - Maxim Integrated Products MAX17021 Datasheet HTML 21Page - Maxim Integrated Products MAX17021 Datasheet HTML 22Page - Maxim Integrated Products MAX17021 Datasheet HTML 23Page - Maxim Integrated Products MAX17021 Datasheet HTML 24Page - Maxim Integrated Products MAX17021 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Dual-Phase, Quick-PWM Controllers for
IMVP-6+/IMVP-6.5 CPU Core Power Supplies
______________________________________________________________________________________
21
DESIGN
PARAMETERS
IMVP-6+ SV
IMVP-6+ LV
IMVP-6.5
AUBURNDALE SV
CORE
IMVP-6.5
AUBURNDALE LV
CORE
TIME-ILIM Resistance
(R1)
10k
10k
10k
10k
ILIM-GND Resistance
(R2)
59k
59k
59k
59k
FB Resistance (RFB)
4.32k
8.45k
4.02k
6.34k
IMON Resistance
N/A
N/A
9.09k
18.2k
LX_-CSP_ Resistance
1.21k
1.21k
1.21k
1.21k
CSP_-CSN_ Series
Resistance (R6)
1.50k
1.50k
1.50k
1.50k
Parallel NTC
Resistance
20k
20k
20k
20k
DCR Sense NTC (NTC1)
10k
NTC B = 3380
TDK NTCG163JH103F
10k
NTC B = 3380
TDK NTCG163JH103F
10k
NTC B = 3380
TDK NTCG163JH103F
10k
NTC B = 3380
TDK NTCG163JH103F
DCR Sense
Capacitance (CSENSE)
2x 0.22μF, 6V ceramic
(0805)
2x 0.22μF, 6V ceramic
(0805)
2x 0.22μF, 6V ceramic
(0805)
2x 0.22μF, 6V ceramic
(0805)
Table 1. Component Selection for Standard Applications (continued)
SUPPLIER
WEBSITE
AVX Corp.
www.avxcorp.com
BI Technologies
www.bitechnologies.com
Central
Semiconductor Corp.
www.centralsemi.com
Fairchild
Semiconductor
www.fairchildsemi.com
International Rectifier
www.irf.com
KEMET Corp
www.kemet.com
NEC/TOKIN Corp.
www.nec-tokin.com
Panasonic Corp.
www.panasonic.com
Table 2. Component Suppliers
SUPPLIER
WEBSITE
Pulse Engineering
www.pulseeng.com
Renesas Technology
Corp.
www.renesas.com
SANYO Electric Co,
Ltd.
www.sanyodevice.com
Siliconix (Vishay)
www.vishay.com
Sumida
www.sumida.com
Taiyo Yuden
www.t-yuden.com
TDK Corp.
www.component.tdk.com
TOKO America, Inc.
www.tokoam.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com