Electronic Components Datasheet Search
  English  ▼

X  

MAX17021 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17021
Description  Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17021 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17021 Datasheet HTML 1Page - Maxim Integrated Products MAX17021 Datasheet HTML 2Page - Maxim Integrated Products MAX17021 Datasheet HTML 3Page - Maxim Integrated Products MAX17021 Datasheet HTML 4Page - Maxim Integrated Products MAX17021 Datasheet HTML 5Page - Maxim Integrated Products MAX17021 Datasheet HTML 6Page - Maxim Integrated Products MAX17021 Datasheet HTML 7Page - Maxim Integrated Products MAX17021 Datasheet HTML 8Page - Maxim Integrated Products MAX17021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Dual-Phase, Quick-PWM Controllers for
IMVP-6+/IMVP-6.5 CPU Core Power Supplies
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VIN = 10V, VCC = VDD = VSHDN = VPGDIN = VPSI = VILIM = 5V, V3P3 = 3.3V, DPRSLPVR = GNDS = GND, VCSP1
= VCSN1 = VCSP2 = VCSN1 = 1.0000V, FB = FBAC, RFBAC = 3.57kΩ from FBAC to CSN1, D6–D0 = [0101000]; MAX17082/MAX17482:
VSLOW = 5V; MAX17021: DPRSTP = GND; TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, VDD, V3P3 to GND ...........................................-0.3V to +6V
D0–D6 to GND..........................................................-0.3V to +6V
PGDIN, DPRSLPVR,
PSI to GND..............................-0.3V to +6V
DPRSTP (MAX17021) to GND ..................................-0.3V to +6V
SLOW (MAX17082/MAX17482) to GND...................-0.3V to +6V
CSP1, CSP2, CSN1, CSN2 to GND..........................-0.3V to +6V
THRM, ILIM, PHASEGD to GND...............................-0.3V to +6V
PWRGD,
VRHOT to GND .........................................-0.3V to +6V
CLKEN to GND ...........................................-0.3V to V3P3 + 0.3V
FB, FBAC to GND .........................................-0.3V to VCC + 0.3V
TIME, CCI to GND.........................................-0.3V to VCC + 0.3V
IMON to GND (MAX17021/MAX17082) ........-0.3V to VCC + 0.3V
GNDS to GND .......................................................-0.3V to +0.3V
SHDN to GND (Note 1)...........................................-0.3V to +16V
TON to GND ...........................................................-0.3V to +30V
DL1, DL2 to GND ..........................................-0.3V to VDD + 0.3V
BST1, BST2 to GND ...............................................-0.3V to +36V
BST1, BST2 to VDD.................................................-0.3V to +30V
LX1 to BST1..............................................................-6V to +0.3V
LX2 to BST2..............................................................-6V to +0.3V
DH1 to LX1 ..............................................(-0.3V to VBST1) + 0.3V
DH2 to LX2 ..............................................(-0.3V to VBST2) + 0.3V
Continuous Power Dissipation
40-Pin 5mm x 5mm TQFN Up to +70°C.....................1778mW
(derate above +70°C) ............................................22.2mW/°C
Operating Temperature Range .........................-40°C to +105°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PWM CONTROLLER
VCC, VDD
4.5
5.5
Input-Voltage Range
V3P3
3.0
3.6
V
DAC codes from 0.8125V
to 1.5000V
-0.5
+0.5
%
DAC codes from 0.3750V
to 0.8000V
-7
+7
DC Output-Voltage
Accuracy
VOUT
Measured at FB
with respect to
GNDS;
includes load-
regulation error
(Note 2)
DAC codes from 0 to
0.3625V
-20
+20
mV
MAX17021 IMVP-6+
1.194
1.200
1.206
Boot Voltage
VBOOT
MAX17082/MAX17482 IMVP-6.5
1.094
1.100
1.106
V
Line Regulation Error
VCC = 4.5V to 5.5V, VIN = 4.5V to 26V
0.1
%
FB Input Bias Current
TA = +25°C
-0.1
+0.1
μA
GNDS Input Range
-200
+200
mV
GNDS Gain
AGNDS
VOUT/ VGNDS
0.97
1.00
1.03
V/V
GNDS Input Bias Current
IGNDS
TA = +25°C
-0.5
+0.5
μA
TIME Regulation Voltage
VTIME
RTIME = 71.5k
1.985
2.000
2.015
V
Note 1:
SHDN might be forced to 12V for the purpose of debugging prototype boards using the no-fault test mode, which disables
fault protection and overlapping operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com