| Electronic Components Datasheet Search |
|
AS3525 Datasheet(PDF) 66 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3525 Datasheet(HTML) 66 Page - ams AG |
|
66 / 194 page ![]() AS3525-A/-B C22O22 Data Sheet, Confidential © 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved. www.austriamicrosystems.com Revision 1.13 66 - 194 7.3.10 I2SOUT - I2S output interface The I2S output interface module (called I2SOUTIF module hereafter) is used to connect the processor system to an audio DAC. The communication is based on the standardized I2S interface. The audio samples are transferred from the processor to the I2SOUTIF module using the AMBA APB bus. A FIFO for 128 dual-channel audio samples is provided as a data buffer. Furthermore, the module provides a set of data, control and status registers. The I2SOUTIF provides the following features: • two independent clock domains: AMBA APB clock PCLK, I2S output clock i2so_mclk • FIFO (128 words with 36 bit) separating clock domains • support of 16 and 18 bit audio samples • clock generator for I2S clocks (LCLK, I2SO_SCLK) • support of several oversampling rates: 128x, 256x, 512x • interrupt support for FIFO data write • DMA support for FIFO data transfer For data output, following modes are implemented: • two 18 bit audio samples, one for each channel (R,L). The values are written to I2SO_DATA. • two 16 bit audio samples, one for each channel (R,L). Both values are written to the 32-bit wide I2SO_DATA register at the same time. This mode is highly efficient for 32-bit processor architectures. • one 18 bit mono audio sample; the sample is used for both channels (R and L). The value is written to the I2SO_DATA. • one 16 bit mono audio sample; the sample is used for both channels (R and L). The value is written to the I2SO_DATA. Figure 28 I2SO Block Diagram 7.3.10.1 I2S Output Interface Registers Table 49 I2S Output Interface Registers Register Name Base Address Offset Note I2SOUT_CONTROL AS3525_I2SOUT_BASE 0x0000 Control register I2SOUT_MASK AS3525_I2SOUT_BASE 0x0004 Interrupt mask register I2SOUT_RAW_STATUS AS3525_I2SOUT_BASE 0x0008 Raw status register I2SOUT_STATUS AS3525_I2SOUT_BASE 0x000C Status register I2SOUT_CLEAR AS3525_I2SOUT_BASE 0x0010 Interrupt clear register I2SOUT_DATA AS3525_I2SOUT_BASE 0x0014 Audio data register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |