Electronic Components Datasheet Search
  English  ▼

X  

AS3525 Datasheet(PDF) 99 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 99 Page - ams AG

Back Button AS3525 Datasheet HTML 95Page - ams AG AS3525 Datasheet HTML 96Page - ams AG AS3525 Datasheet HTML 97Page - ams AG AS3525 Datasheet HTML 98Page - ams AG AS3525 Datasheet HTML 99Page - ams AG AS3525 Datasheet HTML 100Page - ams AG AS3525 Datasheet HTML 101Page - ams AG AS3525 Datasheet HTML 102Page - ams AG AS3525 Datasheet HTML 103Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
99
- 194
Name
Base
Default
UART_LNSTATUS_REG
AS3525_UART_BASE
0xC8110000
Line status register
Offset: 0x14
This register holds the status information of the data transfer. It gives information about
the received data.
Bit
Bit Name
Default
Access
Bit Description
4
breakDetect
0
RU
This bit is associated with the rxLineStatus interrupt.
1: This bit is set if a break condition is detected, i.e. if a zero
is detected on receive line for one full character duration. This
condition will always cause framingError condition.
3
framingError
0
RU
This bit is associated with the rxLineStatus interrupt.
1: Indicates that the first stop bit of the received data byte is
not valid, i.e. a zero is received in place of a one.
This error condition causes the receiver to re-synchronize.
2
parityError
0
RU
This bit is associated with rxLineStatus interrupt.
1: Indicates that parity of the received data byte is different
from the expected parity as set in the line control register
(UART_LNCTL_REG).
1
overrunError
0
RU
This bit is associated with the rxLineStatus interrupt.
1: Indicates an error condition which occurs when one
character is fully assembled by the receiver but there is no
space to write that byte.
In FIFO mode, the content of the FIFO remains unaffected.
If FIFO is disabled, the data register (UART_DATA_REG (Rx))
will be overwritten with the new data.
0
dataReady
0
RU
0: There is no data available.
1: There are one or more data bytes ready to be read by the
processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com